công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16F15213T-I/ST bảng dữ liệu(PDF) 249 Page - Microchip Technology

tên linh kiện PIC16F15213T-I/ST
Giải thích chi tiết về linh kiện  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213T-I/ST bảng dữ liệu(HTML) 249 Page - Microchip Technology

Back Button PIC16F15213T-I/ST Datasheet HTML 245Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 246Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 247Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 248Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 249Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 250Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 251Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 252Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 253Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 249 / 439 page
background image
25.
MSSP - Host Synchronous Serial Port Module
The Host Synchronous Serial Port (MSSP) module is a serial interface useful for communicating with other peripheral
or microcontroller devices. These peripheral devices may be serial EEPROMs, shift registers, display drivers, A/D
converters, etc. The MSSP module can operate in one of two modes:
• Serial Peripheral Interface (SPI)
• Inter-Integrated Circuit (I2C)
The SPI interface can operate in Host or Client mode and supports the following features:
• Selectable clock parity
• Client select synchronization (Client mode only)
• Daisy-chain connection of client devices
The I2C interface can operate in Host or Client mode and supports the following modes and features:
• Byte NACKing (Client mode)
• Limited multi-host support
• 7-bit and 10-bit addressing
• Start and stop interrupts
• Interrupt masking
• Clock stretching
• Bus collision detection
• General call address matching
• Address masking
• Address Hold and Data Hold modes
• Selectable SDA hold times
25.1
SPI Mode Overview
The Serial Peripheral Interface (SPI) is a synchronous serial data communication bus that operates in Full Duplex
mode. Devices communicate in a host/client environment where the host device initiates the communication. A client
device is selected for communication using the Client Select feature.
The SPI bus specifies four signal connections:
• Serial Clock (SCK)
• Serial Data Out (SDO)
• Serial Data In (SDI)
• Client Select (SS)
Figure 25-1 shows the block diagram of the MSSP module when operating in SPI mode.
PIC16F15213/14/23/24/43/44
MSSP - Host Synchronous Serial Port Module
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 249



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com