công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74HC151DB bảng dữ liệu(PDF) 5 Page - NXP Semiconductors

tên linh kiện 74HC151DB
Giải thích chi tiết về linh kiện  8-input multiplexer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC151DB bảng dữ liệu(HTML) 5 Page - NXP Semiconductors

  74HC151DB Datasheet HTML 1Page - NXP Semiconductors 74HC151DB Datasheet HTML 2Page - NXP Semiconductors 74HC151DB Datasheet HTML 3Page - NXP Semiconductors 74HC151DB Datasheet HTML 4Page - NXP Semiconductors 74HC151DB Datasheet HTML 5Page - NXP Semiconductors 74HC151DB Datasheet HTML 6Page - NXP Semiconductors 74HC151DB Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
December 1990
5
Philips Semiconductors
Product specification
8-input multiplexer
74HC/HCT151
DC CHARACTERISTICS FOR 74HC
For the DC characteristics see
“74HC/HCT/HCU/HCMOS Logic Family Specifications”.
Output capability: standard
ICC category: MSI
AC CHARACTERISTICS FOR 74HC
GND = 0 V; tr =tf = 6 ns; CL = 50 pF
SYMBOL
PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HC
VCC
(V)
WAVEFORMS
+25
−40 to +85
−40 to +125
min.
typ.
max.
min.
max.
min.
max.
tPHL/ tPLH
propagation delay
In to Y
52
19
15
170
34
29
215
43
37
255
51
43
ns
2.0
4.5
6.0
Fig.6
tPHL/ tPLH
propagation delay
In to Y
58
21
17
185
37
31
230
46
39
280
56
48
ns
2.0
4.5
6.0
Fig.6
tPHL/ tPLH
propagation delay
Sn to Y
61
22
18
185
37
31
230
46
39
280
56
48
ns
2.0
4.5
6.0
Fig.7
tPHL/ tPLH
propagation delay
Sn to Y
61
22
18
205
41
35
255
51
43
310
62
53
ns
2.0
4.5
6.0
Fig.7
tPHL/ tPLH
propagation delay
E to Y
41
15
12
125
25
21
155
31
26
190
38
32
ns
2.0
4.5
6.0
Fig.7
tPHL/ tPLH
propagation delay
E to Y
47
17
14
145
29
25
180
36
31
220
44
38
ns
2.0
4.5
6.0
Fig.7
tTHL/ tTLH
output transition time
19
7
6
75
15
13
95
19
16
110
22
19
ns
2.0
4.5
6.0
Figs 6 and 7



Html Pages

1 2 3 4 5 6 7