| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M34D64-R bảng dữ liệu(PDF) 11 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M34D64-R bảng dữ liệu(HTML) 11 Page - STMicroelectronics |
|
11 / 21 page ![]() 11/21 M34D64 DC AND AC PARAMETERS This section summarizes the operating and mea- surement conditions, and the DC and AC charac- teristics of the device. The parameters in the DC and AC Characteristic tables that follow are de- rived from tests performed under the Measure- ment Conditions summarized in the relevant tables. Designers should check that the operating conditions in their circuit match the measurement conditions when relying on the quoted parame- ters. Table 7. Operating Conditions (M34D64-W) Table 8. Operating Conditions (M34D64-R) Symbol Parameter Min. Max. Unit VCC Supply Voltage 2.5 5.5 V TA Ambient Operating Temperature –40 85 °C Symbol Parameter Min. Max. Unit VCC Supply Voltage 1.8 5.5 V TA Ambient Operating Temperature –40 85 °C |