công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H1137V13 bảng dữ liệu(PDF) 2 Page - EM Microelectronic - MARIN SA

tên linh kiện H1137V13
Giải thích chi tiết về linh kiện  CMOS circuit for Analog Quartz Watches
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  EMMICRO [EM Microelectronic - MARIN SA]
Trang chủ  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

H1137V13 bảng dữ liệu(HTML) 2 Page - EM Microelectronic - MARIN SA

  H1137V13 Datasheet HTML 1Page - EM Microelectronic - MARIN SA H1137V13 Datasheet HTML 2Page - EM Microelectronic - MARIN SA H1137V13 Datasheet HTML 3Page - EM Microelectronic - MARIN SA H1137V13 Datasheet HTML 4Page - EM Microelectronic - MARIN SA H1137V13 Datasheet HTML 5Page - EM Microelectronic - MARIN SA H1137V13 Datasheet HTML 6Page - EM Microelectronic - MARIN SA  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
R
H1137
Copyright
© 2004, EM Microelectronic-Marin SA
2
www.emmicroelectronic.com
Absolute Maximum Ratings
Parameter
Symbol
Min.
Typ.
Max.
Units
Supply voltage
Voltage applied
to other terminals
Storage tem-
perature
VN
TSTOR
-3.6
VN –0.3
-55
+0.2
VP +0.3
+125
V
V
°C
Stresses beyond these listed maximum ratings may
cause permanent damage to the device. Exposure to
conditions beyond specified operating conditions may
affect device reliability or cause malfunction.
Recommended Operating Conditions
Parameter
Symbol
Value
Units
Ambient temperature
Quartz frequency
Quartz series resistance
Motor coil resistance
Positive supply
Negative supply
Supply source resistance
T
fQ
RQ
RM
VP
VN
RI
25
32768
30
2.0
0
-1.55
10
°C
Hz
kΩ
kΩ
V
V
Ω
Handling Procedures
This device contains circuitry to protect the terminals
against damage due to high static voltages or electrical
fields. However, it is advised that normal precautions be
taken to avoid application of any voltage higher than
maximum rated voltages to this circuit.
Operating Conditions
Parameter
Symbol
Min.
Typ.
Max.
Units
Operating temperature
Quartz series resistance
Trimmer capacitance
TOPR
CTR
-10
3
30
+60
50
30
°C
k Ω
pF
Electrical and Switching Characteristics
at recommended operating conditions unless otherwise specified
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Supply voltage range
Mean dynamic current
VN
IDYN
Without motor and quartz,
32kHz inverted square wave forced
at OSCIN and OSCOUT, TEST open
-1.8
-1.55
90
-1.2
150
V
nA
Mean current consumption
IN
With quartz, without motor,
TEST open, CTR = 12 pF
200
350
nA
Oscillator
Transconductance
Starting voltage
Starting time
gm
VST
TST
VN = 1.2V, VPP = 300mV
Within 10 seconds
Recommended operating conditions
2.5
0.75
2
µmho
V
s
Stability df / f*dVN
Between –1.4V and –1.6V
1.5
ppm/V
Motors Drivers
Voltage across motor
Voltage across motor
Voltage across motor
Short circuit impedance
VMOT
VMOT
VMOT
RCC
VN = -1.55V, RM = 2k Ω
VN = -1.25V, RM = 2k Ω
RI = 300 Ω, TOPR
Between motor pulses
1.35
1.0
1.0
1.40
1.10
1.20
150
300
V
V
V
Ω
Test Input / Output
Amplitude
Mean current
VTST
ITST
ZI = 30pF // 1M Ω
Pad connected to VP
1.35
70
250
VPP
nA
Reset Input
Debounce delay
Input current after debounce delay
*
TS
IS
Pad connected to VP
7.81
7
23.43
50
ms
nA
* Is the average input current, modulated by a frequency of 64 Hz



Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com