| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
INTERPOSER bảng dữ liệu(PDF) 3 Page - C&K Components |
|
|
|||||||||||||||||||||||||||||
INTERPOSER bảng dữ liệu(HTML) 3 Page - C&K Components |
|
3 / 3 page ![]() 3 www.ckswitches.com ASIA Tel: +852.3713.5288 EUROPE Tel: +33.1.60.24.51.51 AMERICAS Tel: +1.617.969.3700 SPRING CONTACTS TECHNOLOGY 27 Mar 20 HDS CS-FR051 INTERPOSER – Rev A With the same Starclip contact technology used in our D-Sub connectors, spring probe contact work by providing a compliant electrical connection between the 2 contacts l e v a r t r o e c r o f e h t f o s s e l d r a g e r ,r e s o p r e t n i e h t f o s e d i s applied. The electrical contact function is decoupled from the pressure applied by the spring. Termination: Complementary to common termination by spring contact on the both sides, we can supply cabling or other termination type on one side to meet special custom design request. NTERPOSER DIMENSIONS Our insulators are in a single piece to ensure accuracy and good alignment of the contacts. In order to help you in the dimensionnal choice, we offer 2 types of generic designs. Don’t hesitate to contact us for any particular request. Typical Force/Travel T1 T1 T2 T2 |