công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HG4183/009-H2SL bảng dữ liệu(PDF) 1 Page - DB Lectro Inc

tên linh kiện HG4183/009-H2SL
Giải thích chi tiết về linh kiện  Subminiature PCB Power Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DBLECTRO [DB Lectro Inc]
Trang chủ  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

HG4183/009-H2SL bảng dữ liệu(HTML) 1 Page - DB Lectro Inc

  HG4183/009-H2SL Datasheet HTML 1Page - DB Lectro Inc HG4183/009-H2SL Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Subminiature PCB Power Relay
HG4183
HG4183
1/2
FEATURES
TYPICAL APPLICATIONS
CONTACT RATING
UL/CSA/TUV RATING
COIL DATA
CHARACTERISTICS
CONTACT DATA
Form
Form
Coil Voltage
Code
Operate Time
10 ms. max.
5000 V
DA 1.5mm, 10 - 55 Hz
-30ºC to 60ºC operating
6 g, approx.
10 g, 11ms. functional; 100 g, destructive
3500 Vrms, 1 min. between coil and contacts, 1 Form A
750 Vrms, 1 min. between open contacts
2800 Vrms, 1 min. between coil and contacts, 1 Form C
100 M
Ω , at 500VDC, 50%RH
4 ms. max.
Release Time
Insulation Resistance
Dielectric Strength
Surge Resistance
Shock Resistance
Vibration Resistance
Ambient Temperature
Weight
Nominal
Resistance (
Ω) ±10%
Power Consumption
Voltage
(VDC)
Must Operate
Voltage max.
(VDC)
Must Release
Voltage min.
(VDC)
Standard
Sensitive
Contact Material
1 Form A (H) 1 Form C (Z)
Code
C
5A, 240VAC (TUV)
10A, 120VAC (UL/CSA)
10A, 28VDC (UL/CSA/TUV)
5A, 125VAC (UL/CSA)
S
003
005
006
009
012
024
048
3
5
6
9
12
24
48
ORDERING DESIGNATION
Model
Coil Voltage Code
Contact Form
Version
Contact Material
Coil Sensitivity
H: 1 Form A; Z: 1 Form C
1: Sealed; 2: Flux Free
Nil: Standard 0.45W; L: Sensitive 0.2W*
*Note: Sensitive 0.2W (L) is only available for 1 Form A (H)
A: AgNi0.15; C: AgCdO; S: AgSnOInO
Example:
HG4183 /
012 -
H
1
C
L
20
55
0.45W
0.2W
80
180
320
1280
45
125
180
400
720
2800
2.25
3.75
4.50
6.75
9.00
18.00
36.00
0.15
0.25
0.30
0.45
0.60
1.20
2.40
5100
Resistive
TV
Material
Service Life
Mechanical
Electrical
Initial Contact Resistance
1 Form A (H) 1Form C (Z)
10A, 120VAC/28VDC (C)
5A, 125VAC (S)
Resistive
TV
Subminiature, low PCB occupation area
Heavy duty, with choice of contact materials
Standard and high sensitive type for choice
Office machine
Vending machine
Home appliances
Audio equipment
AgCdO, AgSnOInO
100 m
Ω max. at 0.1A, 6VDC
107 ops.
105 ops.


Số phần tương tự - HG4183/009-H2SL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
HG4181 ETC1-HG4181 Datasheet
53Kb / 2P
Automotive Subminiature PCB Power Relay
HG4181012-A1AG ETC1-HG4181012-A1AG Datasheet
53Kb / 2P
Automotive Subminiature PCB Power Relay
HG4181012-A1CG ETC1-HG4181012-A1CG Datasheet
53Kb / 2P
Automotive Subminiature PCB Power Relay
HG4181012-A1SG ETC1-HG4181012-A1SG Datasheet
53Kb / 2P
Automotive Subminiature PCB Power Relay
HG4181012-A2AG ETC1-HG4181012-A2AG Datasheet
53Kb / 2P
Automotive Subminiature PCB Power Relay
More results

Mô tả tương tự - HG4183/009-H2SL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
HG4231 ETC-HG4231 Datasheet
116Kb / 2P
Subminiature PCB Power Relay Automotive Subminiature PCB Power Relay
logo
Picker Components
PC517 PICKER-PC517 Datasheet
196Kb / 2P
Automotive Subminiature PCB Power Relay
logo
DB Lectro Inc
HG4230 DBLECTRO-HG4230 Datasheet
97Kb / 2P
Subminiature PCB Power Relay
HG4232 DBLECTRO-HG4232 Datasheet
60Kb / 2P
Subminiature PCB Power Relay Automotive Subminiature PCB Power Relay
HG4233 DBLECTRO-HG4233 Datasheet
55Kb / 2P
Subminiature PCB Power Relay
HG4503 DBLECTRO-HG4503 Datasheet
56Kb / 2P
Subminiature PCB Power Relay
logo
Picker Components
PC517 PICKER-PC517_14 Datasheet
205Kb / 2P
Automotive Subminiature PCB Power Relay
PC376 PICKER-PC376_17 Datasheet
474Kb / 2P
Subminiature PCB Power Relay
PC435 PICKER-PC435_17 Datasheet
895Kb / 2P
Subminiature PCB Power Relay
PC517 PICKER-PC517_17 Datasheet
582Kb / 2P
Automotive Subminiature PCB Power Relay
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com