công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISG56535 bảng dữ liệu(PDF) 2 Page - SIRENZA MICRODEVICES

tên linh kiện ISG56535
Giải thích chi tiết về linh kiện  5 TO 65 MHz SILICON CATV 35 dB HYBRID AMPLIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SIRENZA [SIRENZA MICRODEVICES]
Trang chủ  
Logo SIRENZA - SIRENZA MICRODEVICES

ISG56535 bảng dữ liệu(HTML) 2 Page - SIRENZA MICRODEVICES

  ISG56535 Datasheet HTML 1Page - SIRENZA MICRODEVICES ISG56535 Datasheet HTML 2Page - SIRENZA MICRODEVICES  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TYPICAL PERFORMANCE CURVES (TA = 25°C)
NOISE FIGURE
Frequency (6.0 MHz / DIV)
5.0
4.5
4.0
3.5
3.0
2.0
1.5
1.0
0.5
2.5
0
START 5.0 MHz
STOP 65.0 MHz
INPUT RETURN LOSS
START 5.0 MHz
STOP 65.0 MHz
40
50
30
20
10
1
-10
0
-20
-30
-40
-50
2
3
1: -23.610 dB
5.0 MHz
2: -24.241 dB
42.0 MHz
3: -24.557 dB
65.0 MHz
1
dB
Refl Port1
Log Mag
10.0 dB/ REF 0.00 dB
1: S11
GAIN vs. FREQUENCY
START 5.0 MHz
STOP 65.0 MHz
dB
39
40
38
37
36
1
34
35
33
32
31
30
Fwd Trans
Log Mag
1.0 dB/ REF 35.00 dB
2
3
1: 35.180 dB
5.0 MHz
2: 35.297 dB
42.0 MHz
3: 35.198 dB
65.0 MHz
1
1: S21
OUTPUT RETURN LOSS
START 5.0 MHz
STOP 65.0 MHz
40
50
30
20
10
1
-10
0
-20
-30
-40
-50
2
3
1: -29.935 dB
5.0 MHz
2: -26.680 dB
42.0 MHz
3: -25.628 dB
65.0 MHz
1
dB
Refl Port2
Log Mag
10.0 dB/ REF 0.00 dB
1: S22
81.00
80.00
79.00
78.00
77.00
76.00
75.00
74.00
73.00
72.00
71.00
70.00
69.00
40.00
42.00
44.00
46.00
48.00
50.00 52.00
54.00
56.00
1 dB Compression at 65 MHz
Power in vs power out @ 65 MHz
Input Power, PIN (dBmv)
ABSOLUTE MAXIMUM RATINGS1
(TC = 25 °C unless otherwise noted)
SYMBOLS
PARAMETERS
UNITS
RATINGS
VCC
DC Supply
VDC
+28
VIN
RF Input Voltage
(Single Tone)
dBmV
+65
TC
Operating Case
Temperature Range
°C
-20 to +100
TSTG
Storage Temperature
Range
°C
-40 to +100
Note:
1. Operation in excess of any one of these parameters may result
in permanent damage.
ISG56535
DATA SUBJECT TO CHANGE WITHOUT NOTICE
REV. C
4/1/2005
2
303 S. Technology Court, Broomfield, CO 80021
303-327-3030
www.sirenza.com



Html Pages

1 2