| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STEVALSMARTAG2 bảng dữ liệu(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STEVALSMARTAG2 bảng dữ liệu(HTML) 2 Page - STMicroelectronics |
|
2 / 11 page ![]() Description The STEVAL-SMARTAG2 is an NFC-enabled sensor node with inertial MEMS sensors and environmental sensors, an STM32 microcontroller, and a dynamic NFC tag for communication with NFC readers, such as tablets and smartphones. Optionally, the STEVAL-SMARTAG2 can be equipped with: a battery charger fed by a full-wave rectifier for NFC energy harvesting (on top of the energy harvester already embedded in the dynamic NFC tag), a secure element to support authentication and state-of-the-art crypto security, and a real-time clock (RTC) with an embedded crystal oscillator to enable an accurate timekeeping and time stamping. The board has a small and thin form factor, comparable to the size of a credit card, which makes it particularly fit for deployment in the field and data collection. Product summary Cloud Amazon- based web application for asset tracking DSH- ASSETRACKING ST Asset Tracking application for Android and iOS STassetTracking Applications IoT Applications STEVAL-SMARTAG2 DB4876 - rev 1 page 2/11 |