| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST25DV16K bảng dữ liệu(PDF) 34 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST25DV16K bảng dữ liệu(HTML) 34 Page - STMicroelectronics |
|
34 / 197 page ![]() 5.2.2 GPO and power supply When at the same time RF field is present and VCC is ON, GPO is acting as configured in GPO, GPO_CTRL_Dyn and IT_TIME registers. When the RF field disappears, the GPO state is reset and the output level is set to high-Z (open drain) or tied low (CMOS). Interruption status in IT_STS_Dyn register is maintained until next I2C read or VCC power off. Table 23. GPO interrupt capabilities in function of RF field RF field on RF field off GPO state is function of RF events (1) GPO remains High-Z (OD) or tied low (CMOS) 1. If pull-up resistor is powered (Open Drain-IE version), and VDCG is powered (CMOS –JF version). When VCC is not present, or ST25DVxxx is in low power mode, all events are available on GPO pin, assuming pull-up resistor is supplied with correct voltage (Open Drain-IE version) or VDCG is powered (CMOS-JF version). The host can be waken up using GPO interrupt in any power condition. The exception is FIELD_CHANGE when RF field is falling, which can’t be reported on GPO output if VCC is off or in low power mode (no power supply on ST25DVxxx). Table 24. GPO interrupt capabilities in function of VCC power supply GPO events VCC OFF VCC ON and LPD high (1) (low power mode) VCC ON and LPD low(1) FIELD_CHANGE if RF field disappears GPO remains High-Z (OD) or tied low (CMOS) GPO remains High-Z (OD) or tied low (CMOS) (2) Pulse emitted on GPO Any other activated RF event GPO state is function of RF events(2) GPO state is function of RF events(2) GPO state is function of RF events(2) 1. For STM25DVxxK-JF only. 2. If pull-up resistor is powered (Open Drain-IE version) and VDCG is powered (CMOS-JF version). ST25DV04K ST25DV16K ST25DV64K GPO DS10925 - Rev 11 page 34/197 |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |