công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ST25DV04K bảng dữ liệu(PDF) 33 Page - STMicroelectronics

tên linh kiện ST25DV04K
Giải thích chi tiết về linh kiện  Dynamic NFC/RFID tag IC with 4-, 16-, or 64-Kbit EEPROM, and fast transfer mode capability
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV04K bảng dữ liệu(HTML) 33 Page - STMicroelectronics

Back Button ST25DV04K Datasheet HTML 29Page - STMicroelectronics ST25DV04K Datasheet HTML 30Page - STMicroelectronics ST25DV04K Datasheet HTML 31Page - STMicroelectronics ST25DV04K Datasheet HTML 32Page - STMicroelectronics ST25DV04K Datasheet HTML 33Page - STMicroelectronics ST25DV04K Datasheet HTML 34Page - STMicroelectronics ST25DV04K Datasheet HTML 35Page - STMicroelectronics ST25DV04K Datasheet HTML 36Page - STMicroelectronics ST25DV04K Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 197 page
background image
RF_WRITE:
•
When RF_WRITE is activated, a pulse of duration IT_TIME is emitted at completion of a valid RF write
operation in EEPROM (after EOF of ST25DV response).
•
Following commands trigger the RF_WRITE interrupt after a valid write operation in EEPROM:
–
Write Single Block
–
Extended Write Single Block
–
Write Multiple Block
–
Extended Write Multiple Block
–
Lock Block
–
Extended Lock Block
–
Write AFI
–
Lock AFI
–
Write DSFID
–
Lock DSFID
–
Write Configuration
–
Write Password
•
Note that writing in dynamic registers or fast transfer mode mailbox does not trigger RF_WRITE interrupt
(no write operation in EEPROM).
Figure 18. RF_WRITE sequence
1) VCD sends a write command and ST25DV replies after write completed. GPO/RF_WRITE
generates a pulse during IT_TIME after ST25DV response.
S
O
F
E
O
F
5) VCD sends any command and ST25DV stays quiet (command not for this VICC, or quiet state).
RF_ACTIVITY remains high-Z.
(m*)Wt
VCD
Command
GPO/RF_WRITE (OD)
GPO/RF_WRITE (OD)
S
O
F
E
O
F
ST25DV
reply
S
O
F
Write
command
E
O
F
3) VCD sends a write command and ST25DV replies with error. GPO/RF_WRITE remains high-Z.
t1
GPO/RF_WRITE (OD)
S
O
F
E
O
F
ST25DV
reply
S
O
F
Write
command
E
O
F
2) VCD sends a write command with option flag set to 1, and ST25DV replies after receiving EOF.
GPO/RF_WRITE generates a pulse during IT_TIME after ST25DV response.
>(m*)Wt
GPO/RF_WRITE (OD)
S
O
F
E
O
F
ST25DV
reply
S
O
F
Write
command
E
O
F
E
O
F
t1
4) VCD sends any other command than a write command. GPO/RF_WRITE remains high-Z.
t1
GPO/RF_WRITE (OD)
S
O
F
E
O
F
ST25DV
reply
S
O
F
Any other
command
E
O
F
ST25DV04K ST25DV16K ST25DV64K
GPO
DS10925 - Rev 11
page 33/197



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More