công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

9000TOGGLE bảng dữ liệu(PDF) 3 Page - C&K Components

tên linh kiện 9000TOGGLE
Giải thích chi tiết về linh kiện  Power Toggle Switches
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CK-COMPONENTS [C&K Components]
Trang chủ  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

9000TOGGLE bảng dữ liệu(HTML) 3 Page - C&K Components

  9000TOGGLE Datasheet HTML 1Page - C&K Components 9000TOGGLE Datasheet HTML 2Page - C&K Components 9000TOGGLE Datasheet HTML 3Page - C&K Components 9000TOGGLE Datasheet HTML 4Page - C&K Components 9000TOGGLE Datasheet HTML 5Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
F
F–52
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ckswitches.com
9000 Series
Power Toggle Switches
ACTUATOR
BUSHING
15/32-32 UNS-2A
1/4-40 UNS-2A
1/4-40 UNS-2A
Locking Positions
2 Position Lock
1/4-40 UNS-2A
1/4-40 UNS-2A
K  LOCKING LEVER, .650” HIGH, THREADED
H3 .296” HIGH, THREADED, KEYWAY
H  .296” HIGH, THREADED, FLAT
CW  SPLASHPROOF, 15/32 BUSHING
L40  LEVER HANDLE
WITHOUT CAP
L43  PLASTIC LEVER HANDLE WITH
ANTIROTATION AND CAP, P/N 4812
K1  LOCKING LEVER, .680” HIGH, THREADED
NOTE: To prevent accidental actuation, toggles must be lifted before being
actuated. When released, toggles again lock in place. Bushing option code
not required. Overtightening mounting nut may cause actuator to bind.
Bushing option code not required unless CW splashproof bushing ordered.
NOTE: Lever handle actuator L43 supplied, but not installed. For interchangeability, order L40 actuator option and order lever handles separately, see page F-52.
Antirotation is standard on all actuators, provides ‘anti-push-in’ feature.
Internal actuator seal standard. External
bushing seal available separately from
APM Hexseal, part # MFS-60064.
NOTE: Two mounting nuts, locking ring and lockwasher supplied standard with threaded bushings.
Black hardware is supplied when either black bushings or actuators are specified. Optional mounting
nut and locking ring styles and finishes available, see Section N.
Will withstand 12 in./lbs. of torque with no distortion.
For T & T1 actuators only.
Finish: Matte
Other colors available, consult Customer
Service Center.
No color choice required.
OPTION
CODE
ACTUATOR CAP COLOR
2
BLACK
NONE
No Actuator Color (L40 option)
OPTION
CODE
BUSHING
FINISH
NONE
NICKEL
2
BLACK
.
OPTION
CODE
ACTUATOR CAP FINISH
NONE
NATURAL ALUMINUM–With Nickle Plated Bushing
2
BLACK ANODIZED ALUMINUM
BUSHING FINISH
BUSHING
ACTUATOR FINISH
ACTUATOR
10 jul 18



Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com