công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

VNQ7003SY bảng dữ liệu(PDF) 28 Page - STMicroelectronics

tên linh kiện VNQ7003SY
Giải thích chi tiết về linh kiện  Quad-channel high-side driver with 16-bit SPI interface for automotive applications
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNQ7003SY bảng dữ liệu(HTML) 28 Page - STMicroelectronics

Back Button VNQ7003SY Datasheet HTML 24Page - STMicroelectronics VNQ7003SY Datasheet HTML 25Page - STMicroelectronics VNQ7003SY Datasheet HTML 26Page - STMicroelectronics VNQ7003SY Datasheet HTML 27Page - STMicroelectronics VNQ7003SY Datasheet HTML 28Page - STMicroelectronics VNQ7003SY Datasheet HTML 29Page - STMicroelectronics VNQ7003SY Datasheet HTML 30Page - STMicroelectronics VNQ7003SY Datasheet HTML 31Page - STMicroelectronics VNQ7003SY Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 102 page
background image
SPI functional description
VNQ7003SY
28/102
DS11059 Rev 8
Figure 9. Bus master and two devices in a normal configuration
4.2
SPI protocol
4.2.1
SDI format
SDI, Frame 16-bit
SDI format during each communication frame starts with a command byte. It begins with two bits of
operating code (OC0, OC1) which specify the type of operation (read, write, read and clear status, read
device information) and it is followed by a 6 bit address (A0:A5). The command byte is followed by an
input data byte (D0:D7).
SDI, Frame 8 bit
SPI Data-In Frame length 8 bits is defined for the device requiring fast write access to single 8 bit register,
called SOCR address 0x07h. SDI Frame consists of Input Data Byte content only, no Operation Code +
Address is transmitted.
Table 12. Command byte
MSB
LSB
OC1
OC0
A5
A4
A3
A2
A1
A0
Table 13. Input data byte
MSB
LSB
D7
D6
D5
D4
D3
D2
D1
D0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com