| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
EM6352YSC3B2.2 bảng dữ liệu(PDF) 7 Page - EM Microelectronic - MARIN SA |
|
|
|||||||||||||||||||||||||||||
EM6352YSC3B2.2 bảng dữ liệu(HTML) 7 Page - EM Microelectronic - MARIN SA |
|
7 / 7 page ![]() EM6352 Copyright © 2006, EM Microelectronic-Marin SA 03/06 – rev.I 7 www.emmicroelectronic.com Package Information (continued) NOTE: " All dimensions are in millimeters " Dimensions are inclusive of plating " Dimensions are exclusive of mold flash & metal burr " All specifications comply to EIAJ SC70 " Even though the width of pin 2 on SC70-4L is slightly larger than on so- called 4-pin SC-82AB, the footprint of SC70-4L package is compatible with the footprint of SC-82AB package from other suppliers, and thus suitable for pin-to-pin replacement. Please check footprint on PCB. L Q1 c E D e HE b1 PIN 1 A A1 A2 SYMBOL MIN MAX e e1 D1.80 2.20 b0.15 0.30 b1 0.575 0.70 E1.15 1.35 HE 1.80 2.40 Q1 0.10 0.40 A2 0.80 1.00 A1 0.00 0.10 A0.80 1.10 c0.10 0.18 L0.10 0.30 0.65 BSC 0.5 BSC b e e1 SC70-4L Traceability for small packages Due to the limited space on the package surface, the bottom marking contains a limited number of characters that provide only partial information for lot traceability. Full information for complete traceability is however provided on the packing labels of the product at delivery from EM. It is highly recommended that the customer insures full lot traceability of EM product in his final product. EM Microelectronic-Marin SA (EM) makes no warranty for the use of its products, other than those expressly contained in the Company's standard warranty which is detailed in EM's General Terms of Sale located on the Company's web site. EM assumes no responsibility for any errors which may appear in this document, reserves the right to change devices or specifications detailed herein at any time without notice, and does not make any commitment to update the information contained herein. No licenses to patents or other intellectual property of EM are granted in connection with the sale of EM products, expressly or by implications. EM's products are not authorized for use as components in life support devices or systems. Product qualification is performed according to internal EM quality standards for industrial products. For any special requirement (eg. automotive grade) please contact EM Microelectronic-Marin S.A. L Q1 c E D b HE e e PIN 1 NOTE: " All dimensions are in millimeters " Dimensions are inclusive of plating " Dimensions are exclusive of mold flash & metal burr " All specifications comply to EIAJ SC70 A A1 A2 SYMBOL MIN MAX e D1.80 2.20 b0.25 0.40 E1.15 1.35 HE 1.80 2.40 Q1 0.10 0.40 A2 0.80 1.00 A1 0.00 0.10 A0.80 1.10 c0.10 0.18 L0.10 0.30 0.65 BSC SC70-3L |