| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MCP9801-M/MSG bảng dữ liệu(PDF) 29 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP9801-M/MSG bảng dữ liệu(HTML) 29 Page - Microchip Technology |
|
29 / 30 page ![]() 2010 Microchip Technology Inc. DS21909C-page 29 MCP9800/1/2/3 7.0 PACKAGING INFORMATION 7.1 Package Marking Information 5-Lead SOT-23 XXNN 8-Lead SOIC (150 mil) Example: XXXXXXXX XXXXYYWW NNN GMCP9803 M/SN1020 256 8-Lead MSOP Example: XXXXX YWWNNN G9803M 020256 Example: Part Number MCP9800 Part Number MCP9802 MCP9800A0T-M/OT LDNN MCP9802A0T-M/OT JKNN MCP9800A5T-M/OT LJNN MCP9802A5T-M/OT JRNN Legend: XX...X Customer-specific information Y Year code (last digit of calendar year) YY Year code (last 2 digits of calendar year) WW Week code (week of January 1 is week ‘01’) NNN Alphanumeric traceability code Pb-free JEDEC designator for Matte Tin (Sn) * This package is Pb-free. The Pb-free JEDEC designator ( ) can be found on the outer packaging for this package. Note : In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line, thus limiting the number of available characters for customer-specific information. 3 e 3 e |