công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RF2860 bảng dữ liệu(PDF) 5 Page - RF Micro Devices

tên linh kiện RF2860
Giải thích chi tiết về linh kiện  PCS CDMA LOW NOISE AMPLIFIER/MIXER BROADBAND DOWNCONVERTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RFMD [RF Micro Devices]
Trang chủ  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2860 bảng dữ liệu(HTML) 5 Page - RF Micro Devices

  RF2860 Datasheet HTML 1Page - RF Micro Devices RF2860 Datasheet HTML 2Page - RF Micro Devices RF2860 Datasheet HTML 3Page - RF Micro Devices RF2860 Datasheet HTML 4Page - RF Micro Devices RF2860 Datasheet HTML 5Page - RF Micro Devices RF2860 Datasheet HTML 6Page - RF Micro Devices RF2860 Datasheet HTML 7Page - RF Micro Devices RF2860 Datasheet HTML 8Page - RF Micro Devices RF2860 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
8-387
RF2860
Rev A7 031105
Pin
Function
Type Description
Interface Schematic
1
LNA GAIN
DI
Logic input. High activates LNA. Low selects LNA bypass
mode.
2
LNA IN
AI
US PCS LNA input.
KPCS LNA input.
GPS LNA input.
IMT-2000 LNA input.
3GND
P
Ground via within 0.2mm of pin required.
4LNA OUT
AO
PCS LNA output. Simple external L-C components required
for matching and VCC supply.
5
ISET2
AI
External resistor required to set the mixer operating current.
6
ISET1
AI
External resistor required to set the LNA operating current.
7
MIX IN
AI
KPCS mixer RF single-end input. Matched to 50
Ω.
USPCS mixer RF single-end input. Matched to 50
Ω.
GPS mixer RF single-end input. Matched to 50
Ω.
IMT-2000 mixer RF single-end input. Matched to 50
Ω.
8RF VCC
P
External capacitor and inductor placed close to package
required.
9
IF OUT+
AO
IF output. Open collector.
10
IF OUT-
AO
IF output. Open collector.
See pin 9.
11
GND
P
Ground.
12
LO IN
AI
LO single-end input. Matched to 50
Ω.
13
VCC
P
External bypass capacitor may be required.
14
LO OUT
AO
LO output. Internal DC block. Drives 50
Ω.
15
TX BUFF
ENAB
DI
Logic input. High enables TX LO output buffer amplifiers.
16
ENABLE
DI
Logic input. Low level powers down the IC.
Pkg
Base
GND
P
Ground connection. The backside of the package should be
soldered to a top side ground pad which is connected to the
ground plane with multiple vias.
Legend:
DI=Digital Input from Baseband Chip
AI=Analog Input
AO=Analog Output
P=VCC or GND
LNA GAIN
LNA IN
V
CC
LNA OUT
LNA EMITTER
MIX IN
IF+
IF-
LO IN
70
TX BUFF
ENAB
ENABLE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com