công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AMCP9801A0-M/SNG bảng dữ liệu(PDF) 7 Page - Microchip Technology

tên linh kiện AMCP9801A0-M/SNG
Giải thích chi tiết về linh kiện  2-Wire High-Accuracy Temperature Sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AMCP9801A0-M/SNG bảng dữ liệu(HTML) 7 Page - Microchip Technology

Back Button AMCP9801A0-M/SNG Datasheet HTML 3Page - Microchip Technology AMCP9801A0-M/SNG Datasheet HTML 4Page - Microchip Technology AMCP9801A0-M/SNG Datasheet HTML 5Page - Microchip Technology AMCP9801A0-M/SNG Datasheet HTML 6Page - Microchip Technology AMCP9801A0-M/SNG Datasheet HTML 7Page - Microchip Technology AMCP9801A0-M/SNG Datasheet HTML 8Page - Microchip Technology AMCP9801A0-M/SNG Datasheet HTML 9Page - Microchip Technology AMCP9801A0-M/SNG Datasheet HTML 10Page - Microchip Technology AMCP9801A0-M/SNG Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
 2010 Microchip Technology Inc.
DS21909C-page 7
MCP9800/1/2/3
2.0
TYPICAL PERFORMANCE CURVES
Note:
Unless otherwise noted: VDD = 2.7V to 5.5V.
FIGURE 2-1:
Average Temperature
Accuracy vs. Ambient Temperature, VDD = 3.3V.
FIGURE 2-2:
Average Temperature
Accuracy vs. Ambient Temperature.
FIGURE 2-3:
Average Temperature
Accuracy vs. Ambient Temperature, VDD = 3.3V.
FIGURE 2-4:
Temperature Accuracy
Histogram, TA = +25°C.
FIGURE 2-5:
Supply Current vs. Ambient
Temperature.
FIGURE 2-6:
Shutdown Current vs.
Ambient Temperature.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore, outside the warranted range.
-3.0
-2.0
-1.0
0.0
1.0
2.0
3.0
-55
-35
-15
5
25
45
65
85
105 125
TA (°C)
12-Bit Resolution
160 Samples
VDD= 3.3V
Spec. Limits
-3.0
-2.0
-1.0
0.0
1.0
2.0
3.0
-55
-35
-15
5
25
45
65
85
105 125
TA (°C)
12-Bit Resolution
160 Samples
VDD = 2.7V
VDD = 3.3V
VDD = 5.5V
VDD = 5.0V
-3.0
-2.0
-1.0
0.0
1.0
2.0
3.0
-55
-35
-15
5
25
45
65
85
105 125
T
A (°C)
11-Bit
12-Bit
9-Bit
10-Bit
VDD = 3.3V
160 Samples
Resolution
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
Temperature Accuracy (°C)
TA = +25°C
VDD = 3.3V
5 lots
32 Samples/lot
160 Samples
50
100
150
200
250
300
350
400
-55
-35
-15
5
25
45
65
85
105 125
TA (°C)
VDD = 2.7V
VDD = 3.3V
VDD = 5.5V
VDD = 5.0V
0
0.2
0.4
0.6
0.8
1
-55
-35
-15
5
25
45
65
85
105 125
T
A (°C )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com