| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PRO-OB-430 bảng dữ liệu(PDF) 10 Page - Abracon Corporation |
|
|
|||||||||||||||||||||||||||||
PRO-OB-430 bảng dữ liệu(HTML) 10 Page - Abracon Corporation |
|
10 / 10 page ![]() ABRACON IS ISO9001-2015 CERTIFIED Hidden Creek Ln Spicewood TX 78669 5101 Phone: 512-371-6159 | Fax: 512-351-8858 REVISED: For terms and conditions of sales, please visit: www.abracon.com OnBoard GNSS/GPS SMD - EVB PRO-EB-453 100.0 x 50.00 mm RoHS/RoHS II Compliant MSL Level = 1 Request Samples Check Inventory Packaging 1 pcs/box. Ordering Information Part number Part name Details PRO-OB-430 OnBoard GNSS/GPS SMD Antenna for GPS/GLONASS/BeiDou/Galileo PRO-EB-453 Evaluation board, OnBoard GNSS/GPS SMD Evaluation board with PRO-OB-430 for GNSS applications. ATTENTION: Abracon LLC’s products are COTS – Commercial-Off-The-Shelf products; suitable for Commercial, Industrial and, where designated, Automotive Applications. Abracon’s products are not specifically designed for Military, Aviation, Aerospace, Life-dependent Medical applications or any application requiring high reliability where component failure could result in loss of life and/or property. For applications requiring high reliability and/or presenting an extreme operating environment, written consent and authorization from Abracon LLC is required. Please contact Abracon LLC for more information. |