công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

VIPER114XSTR bảng dữ liệu(PDF) 20 Page - STMicroelectronics

tên linh kiện VIPER114XSTR
Giải thích chi tiết về linh kiện  Energy saving offline high voltage converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER114XSTR bảng dữ liệu(HTML) 20 Page - STMicroelectronics

Back Button VIPER114XSTR Datasheet HTML 16Page - STMicroelectronics VIPER114XSTR Datasheet HTML 17Page - STMicroelectronics VIPER114XSTR Datasheet HTML 18Page - STMicroelectronics VIPER114XSTR Datasheet HTML 19Page - STMicroelectronics VIPER114XSTR Datasheet HTML 20Page - STMicroelectronics VIPER114XSTR Datasheet HTML 21Page - STMicroelectronics VIPER114XSTR Datasheet HTML 22Page - STMicroelectronics VIPER114XSTR Datasheet HTML 23Page - STMicroelectronics VIPER114XSTR Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 37 page
background image
General description
VIPer11
20/37
DS11873 Rev 5
5.7
Pulse-skipping
The IC embeds a pulse-skip circuit that operates in the following ways:
Each time the DRAIN peak current exceeds IDLIM level within tON_MIN, one switching
cycle is skipped. The cycles can be skipped until the minimum switching frequency is
reached, FOSC_MIN (15 kHz).
Each time the DRAIN peak current does not exceed IDLIM within tON_MIN, one switching
cycle is restored. The cycles can be restored until the nominal switching frequency is
reached, FOSC (30, 60 or 120 kHz).
The protection is intended to avoid the so called “flux-runaway” condition often present at
converter startup and due to the fact that the primary MOSFET, which is turned on by the
internal oscillator, cannot be turned off before the minimum on-time.
During the on-time, the inductor is charged by the input voltage and if it cannot be
discharged by the same amount during the off-time, in every switching cycle there is a net
increase of the average inductor current, that can reach dangerously high values until the
output capacitor is not charged enough to ensure the inductor discharge rate needed for the
volt-second balance. This condition may happen at converter startup, because of the low
output voltage.
In Figure 29 the effect of pulse-skipping feature on the DRAIN peak current shape is shown
(solid line), compared with the DRAIN peak current shape when pulse-skipping feature is
not implemented (dashed line).
Providing more time for cycle-by-cycle inductor discharge when needed, this feature is
effective by keeping low the maximum DRAIN peak current avoiding the flux-runaway
condition.
Figure 29. Pulse-skipping during startup



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37