công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AMCP9801A0-M/OTG bảng dữ liệu(PDF) 18 Page - Microchip Technology

tên linh kiện AMCP9801A0-M/OTG
Giải thích chi tiết về linh kiện  2-Wire High-Accuracy Temperature Sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AMCP9801A0-M/OTG bảng dữ liệu(HTML) 18 Page - Microchip Technology

Back Button AMCP9801A0-M/OTG Datasheet HTML 14Page - Microchip Technology AMCP9801A0-M/OTG Datasheet HTML 15Page - Microchip Technology AMCP9801A0-M/OTG Datasheet HTML 16Page - Microchip Technology AMCP9801A0-M/OTG Datasheet HTML 17Page - Microchip Technology AMCP9801A0-M/OTG Datasheet HTML 18Page - Microchip Technology AMCP9801A0-M/OTG Datasheet HTML 19Page - Microchip Technology AMCP9801A0-M/OTG Datasheet HTML 20Page - Microchip Technology AMCP9801A0-M/OTG Datasheet HTML 21Page - Microchip Technology AMCP9801A0-M/OTG Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
MCP9800/1/2/3
DS21909C-page 18
 2010 Microchip Technology Inc.
5.3.2
SENSOR CONFIGURATION
REGISTER (CONFIG)
The
MCP9800/1/2/3
has
an
8-bit
read/write
Configuration register that allows the user to select the
different features. These features include shutdown,
ALERT output select as comparator or interrupt output,
ALERT output polarity, fault queue cycle, temperature
measurement resolution and One-shot mode (single
conversion while in shutdown). These functions are
described in detail in the following sections.
REGISTER 5-3:
CONFIGURATION REGISTER (CONFIG) – ADDRESS
<0000 0001>b
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
One-Shot
Resolution
Fault Queue
ALERT
Polarity
COMP/INT
Shutdown
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
ONE-SHOT
bit
1
= Enabled
0
= Disabled (Power-up default)
bit 5-6
 ADC RESOLUTION bits
00
= 9 bit or 0.5°C (Power-up default)
01
= 10 bit or 0.25°C
10
= 11 bit or 0.125°C
11
= 12 bit or 0.0625°C
bit 3-4
FAULT QUEUE
bits
00
= 1 (Power-up default)
01
=2
10
=4
11
=6
bit 2
ALERT POLARITY
bit
1
= Active-high
0
= Active-low (Power-up default)
bit 1
COMP/INT
bit
1
= Interrupt mode
0
= Comparator mode (Power-up default)
bit 0
SHUTDOWN
bit
1
= Enable
0
= Disable (Power-up default)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com