công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCP6S92 bảng dữ liệu(PDF) 8 Page - Microchip Technology

tên linh kiện MCP6S92
Giải thích chi tiết về linh kiện  Single-Ended, Rail-to-Rail I/O, Low-Gain PGA
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6S92 bảng dữ liệu(HTML) 8 Page - Microchip Technology

Back Button MCP6S92 Datasheet HTML 4Page - Microchip Technology MCP6S92 Datasheet HTML 5Page - Microchip Technology MCP6S92 Datasheet HTML 6Page - Microchip Technology MCP6S92 Datasheet HTML 7Page - Microchip Technology MCP6S92 Datasheet HTML 8Page - Microchip Technology MCP6S92 Datasheet HTML 9Page - Microchip Technology MCP6S92 Datasheet HTML 10Page - Microchip Technology MCP6S92 Datasheet HTML 11Page - Microchip Technology MCP6S92 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
 2004 Microchip Technology Inc.
DS21908A-page 8
MCP6S91/2/3
FIGURE 1-5:
Detailed SPI™ Serial Interface Timing; SPI 1,1 Mode.
1.1
DC Output Voltage Specs / Model
1.1.1
IDEAL MODEL
The ideal PGA output voltage (VOUT) is:
EQUATION 1-1:
(see Figure 1-6). This equation holds when there are
no gain or offset errors and when the VREF pin is tied to
a low-impedance source (<< 0.1
Ω) at ground potential
(VSS = 0V).
1.1.2
LINEAR MODEL
The PGA’s linear region of operation, including offset
and gain errors, is modeled by the line VO_LIN shown in
Figure 1-6.
EQUATION 1-2:
The end points of this line are at VO_ID = 0.3V and
VDD – 0.3V. Figure 1-6 shows the relationship between
the gain and offset specifications referred to in the
electrical specifications as follows:
EQUATION 1-3:
The DC Gain Drift (
∆G/∆T
A) can be calculated from the
change in gE across temperature. This is shown in the
following equation:
EQUATION 1-4:
CS
SCK
SI
tSU tHD
tCSSC
tSCCS
SO
(first 16 bits out are always zeros)
tDO
tSOZ
tHI
tLO
1/fSCK
tCS1
tCSH
tCS0
Where:
G is the nominal gain
V
O_ID
G
VIN
=
V
REF
V
SS
0V
==
V
O_LIN
G1
g
E
+
() V
IN
0.3V
G
-----------
V
OS
+
–


0.3V
+
=
V
REF
V
SS
0V
==
g
E
100%
V
2
V
1
–
GV
DD
0.6V
–
()
--------------------------------------
=
V
OS
V
1
G1
g
E
+
()
-------------------------
=
G+1
=
G
∆
T
A
∆
⁄
g
E
∆
T
A
∆
----------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com