| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
NLP40-7624 bảng dữ liệu(PDF) 2 Page - Artesyn Technologies |
|
|
|||||||||||||||||||||||||||||
NLP40-7624 bảng dữ liệu(HTML) 2 Page - Artesyn Technologies |
|
2 / 3 page ![]() For the most current data and application support visit www.artesyn.com/powergroup/products.htm Notes 1 Maximum output power is 40W for natural convection cooling. With 20CFM fan cooling, the maximum output power is 50W. 2 Peak output current lasting less than 60 seconds with duty cycle less than 5%. During peak loading, output voltage may exceed total reg. limits. 3 Figure is peak-to-peak. Output noise measurements are made across a 50MHz bandwidth using a 12 inch twisted pair, terminated with a 47µF capacitor. 4 Three orthogonal axes, random vibration 10 minutes for each axes, 2.4G rms 5Hz to 500Hz. 5 For multiple output units (except -7627) to maintain stated regulation then: 0.25 ≤ I A / IB ≤ 5, for IB > 0.3A 0.50 ≤ I A / IB ≤ 5, for IB < 0.3A For maximum output current I(C) on triple output models, i.e. for IC = IMax., IA min. ≥ 0.5A and IA ≥ IB. For NLP40-7627 only, to maintain stated regulation then: 0.5 ≤ I A / IB ≤ 2. 6 For optimum reliability, no part of the heatsink should exceed 120 °C, and no semiconductor case temperature should exceed 130 °C. 7 CAUTION: Allow a minimum of 1 second after disconnecting line power when making thermal measurements. 8 This product is only for inclusion by professional installers within other equipment and must not be operated as a stand alone product. 9 When the input voltage is <90VAC the operating range is 0 °C to +40°C. 10 For system EMI compliance, a ground choke may be required before connecting the ground wire to the chassis. It is recommended that this ground choke be placed as close as possible to the systems AC inlet to eliminate noise pick-up in the system. NLP40 Series Single, dual and triple output LOW TO MEDIUM POWER AC/DC POWER SUPPLIES 40-50W AC/DC Universal Input Switch Mode Power Supplies 2 www.artesyn.com File Name: NLP40.PDF Rev: 01 Jan 2000 DERATING CURVE Output Power (Watts) 0 °C 10 °C 20 °C 30 °C 40 °C 50 °C 60 °C 70 °C 20W 40W 50W 20 CFM FORCED AIR COOLING 25W NATURAL CONVECTION COOLING OUTPUT OUTPUT CURRENT RIPPLE (3) TOTAL MODEL NUMBER VOLTAGE MAX (1) PEAK (2) FAN (1) REGULATION +5V (IA) 4.0A 5.0A 4.5A 50mV ±2.0% NLP40-7608 (5) +12V (IB) 2.0A 3.0A 3.0A 120mV ±5.0% –12V (IC) 0.2A 1.0A 0.5A 120mV ±5.0% +5V (IA) 4.0A 5.0A 4.5A 50mV ±2.0% NLP40-7610 (5) +15V (IB) 1.6A 2.0A 2.0A 150mV ±5.0% –15V (IC) 0.2A 1.0A 0.5A 150mV ±5.0% +12V (IA) 1.8A 2.2A 2.1A 120mV ±2.0% NLP40-7627 (5) -12V (IB) 1.8A 2.2A 2.1A 120mV ±5.0% +5V (IA) 4.0A 5.0A 4.5A 50mV ±2.0% NLP40-7629 (5) +12V (IB) 2.0A 3.0A 3.0A 120mV ±5.0% 5V 8.0A 10A 9.0A 50mV ±2.0% NLP40-7605 12V 3.3A 4.5A 4.0A 120mV ±2.0% NLP40-7612 15V 2.6A 3.6A 3.3A 150mV ±2.0% NLP40-7615 24V 1.6A 2.5A 2.0A 240mV ±2.0% NLP40-7624 48V 0.8A 1.1A 1.0A 300mV ±2.0% NLP40-7617 INPUT PIN CONNECTIONS J1 Pin 1 AC Line Pin 2 No Pin Pin 3 AC Neutral P1 Pin 1 Safety Ground OUTPUT PIN CONNECTIONS J2 SINGLE DUAL TRIPLE Pin 1 +Vout V (B) V (B) Pin 2 +Vout V (A) V (A) Pin 3 +Vout V (A) V (A) Pin 4 Return Return Return Pin 5 Return Return Return Pin 6 Return Return V (C) |