| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MCP73855IMF bảng dữ liệu(PDF) 18 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP73855IMF bảng dữ liệu(HTML) 18 Page - Microchip Technology |
|
18 / 24 page ![]() MCP73853/55 DS21915A-page 18 2004 Microchip Technology Inc. 7.0 PACKAGING INFORMATION 7.1 Package Marking Information Legend: XX...X Customer specific information* YY Year code (last 2 digits of calendar year) WW Week code (week of January 1 is week ‘01’) NNN Alphanumeric traceability code Note: In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line thus limiting the number of available characters for customer specific information. * Standard OTP marking consists of Microchip part number, year code, week code, and traceability code. XXXXXXX 16-Lead QFN (MCP73853) XXXXXXX YYWWNNN 73853 Example I/ML 0429256 XXXX 10-Lead DFN (MCP73855) XYWW NNN 3855 Example I429 256 |