công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCP73855T bảng dữ liệu(PDF) 12 Page - Microchip Technology

tên linh kiện MCP73855T
Giải thích chi tiết về linh kiện  USB Compatible Li-Ion/Li-Polymer Charge Management Controllers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73855T bảng dữ liệu(HTML) 12 Page - Microchip Technology

Back Button MCP73855T Datasheet HTML 8Page - Microchip Technology MCP73855T Datasheet HTML 9Page - Microchip Technology MCP73855T Datasheet HTML 10Page - Microchip Technology MCP73855T Datasheet HTML 11Page - Microchip Technology MCP73855T Datasheet HTML 12Page - Microchip Technology MCP73855T Datasheet HTML 13Page - Microchip Technology MCP73855T Datasheet HTML 14Page - Microchip Technology MCP73855T Datasheet HTML 15Page - Microchip Technology MCP73855T Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
FIGURE 4-2:
Operational Flow Algorithm.
Preconditioning Mode
Charge Current = IPREG
Reset Safety Timer
Yes
Initialize
No
Yes
VBAT > VPTH
STAT1 = On
VBAT > VPTH
Yes
VDD < VUVLO
No
No
Safety Timer
Yes
Temperature OK
No
STAT1 = Off
Safety Timer Suspended
Charge Current = 0
Fault
Charge Current = 0
Reset Safety Timer
or EN Low
No
STAT1 = Off
Constant-current
Charge Current = IREG
Reset Safety Timer
VBAT = VREG
No
No
Safety Timer
Yes
Temperature OK
Constant-voltage Mode
Output Voltage = VREG
IOUT < ITERM
Yes
VBAT < VRTH
Elapsed Timer
Charge Termination
Charge Current = 0
Reset Safety Timer
No
STAT1 = Flashing
Yes
Yes
Temperature OK
No
STAT1 = Flashing
Safety Timer Suspended
Charge Current = 0
Yes
Yes
VDD < VUVLO
or EN Low
No
Yes
Yes
Temperature OK
No
STAT1 = Off
Charge Current = 0
Yes
No
STAT1 = Off
VDD > VUVLO
Mode
Expired
Expired
No
STAT1 = Off
Safety Timer Suspended
Charge Current = 0
EN High
Expired
Note 1:
The qualification parameters are continuously
monitored throughout the charge cycle. For more
details on this, refer to Section 4.1 “Charge
Qualification and Preconditioning”.
Note 2:
The charge current will be scaled based on the
die temperature during thermal regulation. For
more details, refer to
Section 4.5 “Thermal
Regulation”.
NOTE 1
NOTE 1
STAT2 = On
STAT2 = Flashing
STAT2 = Off
STAT2 = Flashing
STAT2 = Off
NOTE 2
STAT2 = Flashing
STAT2 = Off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com