công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74F573 bảng dữ liệu(PDF) 5 Page - NXP Semiconductors

tên linh kiện 74F573
Giải thích chi tiết về linh kiện  Octal transparent latch 3-State
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F573 bảng dữ liệu(HTML) 5 Page - NXP Semiconductors

  74F573 Datasheet HTML 1Page - NXP Semiconductors 74F573 Datasheet HTML 2Page - NXP Semiconductors 74F573 Datasheet HTML 3Page - NXP Semiconductors 74F573 Datasheet HTML 4Page - NXP Semiconductors 74F573 Datasheet HTML 5Page - NXP Semiconductors 74F573 Datasheet HTML 6Page - NXP Semiconductors 74F573 Datasheet HTML 7Page - NXP Semiconductors 74F573 Datasheet HTML 8Page - NXP Semiconductors 74F573 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Philips Semiconductors
Product specification
74F573/74F574
Latch/flip-flop
1989 Oct 16
5
FUNCTION TABLE – 74F574
INPUTS
INTERNAL
OUTPUTS
OPERATING MODES
OE
CP
Dn
REGISTER
Q0 – Q7
OPERATING MODES
L
L
↑
↑
l
h
L
H
L
H
Load and read register
L
↑
X
NC
NC
Hold
H
↑
Dn
Dn
Z
Disable outputs
H = High voltage level
h = High voltage level one setup time prior to the Low-to-High clock transition
L = Low voltage level
l
= Low voltage level one setup time prior to the Low-to-High clock transition
NC= No change
X = Don’t care
Z = High impedance “off” state
↑ = Low-to-High clock transition
↑ = Not a Low-to-High clock transition
ABSOLUTE MAXIMUM RATINGS
(Operation beyond the limits set forth in this table may impair the useful life of the device.
Unless otherwise noted these limits are over the operating free-air temperature range.)
SYMBOL
PARAMETER
RATING
UNIT
VCC
Supply voltage
–0.5 to +7.0
V
VIN
Input voltage
–0.5 to +7.0
V
IIN
Input current
–30 to +5.0
mA
VOUT
Voltage applied to output in High output state
–0.5 to +VCC
V
IOUT
Current applied to output in Low output state
48
mA
Tamb
Operating free-air temperature range
0 to +70
°C
Tstg
Storage temperature
–65 to +150
°C
RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
LIMITS
UNIT
SYMBOL
PARAMETER
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5.0
5.5
V
VIH
High-level input voltage
2.0
V
VIL
Low-level input voltage
0.8
V
IIK
Input clamp current
–18
mA
IOH
High-level output current
–3
mA
IOL
Low-level output current
24
mA
Tamb
Operating free-air temperature range
0
70
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com