| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
BUL741FP bảng dữ liệu(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
BUL741FP bảng dữ liệu(HTML) 1 Page - STMicroelectronics |
|
1 / 12 page ![]() August 2009 Doc ID 13406 Rev 3 1/12 12 BUL741 BUL741FP High voltage fast-switching NPN power transistors Features ■ High voltage capability ■ Low spread of dynamic parameters ■ Minimum lot-to-lot spread for reliable operation ■ Very high switching speed Applications ■ Electronic ballast for fluorescent lighting ■ Switch mode power supplies. Description The devices are manufactured using high voltage multi-epitaxial planar technology for high switching speeds and high voltage capability. Thanks to an increased intermediate layer, it has an intrinsic ruggedness which enables the transistor to withstand an high collector current level during breakdown condition, without using the transil protection usually necessary in typical converters for lamp ballast. Figure 1. Internal schematic diagram TO-220FP 1 2 3 TO-220 1 2 3 Table 1. Device summary Order codes Marking Packages Packaging BUL741 BUL741 TO-220 Tube BUL741FP BUL741FP TO-220FP Tube www.st.com |
Số phần tương tự - BUL741FP |
|
Mô tả tương tự - BUL741FP |