công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74F543 bảng dữ liệu(PDF) 9 Page - NXP Semiconductors

tên linh kiện 74F543
Giải thích chi tiết về linh kiện  Octal registered transceiver, non-inverting 3-State
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F543 bảng dữ liệu(HTML) 9 Page - NXP Semiconductors

Back Button 74F543 Datasheet HTML 5Page - NXP Semiconductors 74F543 Datasheet HTML 6Page - NXP Semiconductors 74F543 Datasheet HTML 7Page - NXP Semiconductors 74F543 Datasheet HTML 8Page - NXP Semiconductors 74F543 Datasheet HTML 9Page - NXP Semiconductors 74F543 Datasheet HTML 10Page - NXP Semiconductors 74F543 Datasheet HTML 11Page - NXP Semiconductors 74F543 Datasheet HTML 12Page - NXP Semiconductors 74F543 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Philips Semiconductors
Product specification
74F543, 74F544
Octal registered transceivers
1994 Dec 5
9
AC ELECTRICAL CHARACTERISTICS FOR 74F544
74F544 LIMITS
Tamb = +25°C
Tamb = 0°C to +70°C
SYMBOL
PARAMETER
TEST CONDITIONS
VCC = 5.0V
VCC = 5.0V ± 10%
UNIT
SYMBOL
PARAMETER
TEST CONDITIONS
CL = 50pF
RL = 500Ω
CL = 50pF
RL = 500Ω
UNIT
MIN
TYP
MAX
MIN
MAX
tPLH
tPHL
Propagation delay
An to Bn or Bn to An
Waveform NO TAG
3.0
3.0
6.5
5.0
9.5
8.0
3.0
3.0
10.5
8.5
ns
tPLH
tPHL
Propagation delay
LEBA to An
Waveform NO TAG, 2
4.0
4.0
7.0
7.0
9.5
9.5
4.0
4.0
10.5
10.5
ns
tPLH
tPHL
Propagation delay
LEAB to Bn
Waveform NO TAG, 2
5.0
4.0
8.0
7.5
11.5
9.5
4.0
4.0
12.5
10.5
ns
tPZH
tPZL
Output Enable time
OEBA to An or OEAB to Bn
Waveform 4
Waveform 5
2.0
3.5
4.0
5.5
7.0
8.5
1.5
3.0
7.5
9.0
ns
tPHZ
tPLZ
Output Disable time
OEBA to An or OEAB to Bn
Waveform 4
Waveform 5
1.0
1.5
4.0
4.0
6.5
6.5
1.0
1.5
7.0
7.5
ns
tPZH
tPZL
Output Enable time
EBA to An or EAB to Bn
Waveform 4
Waveform 5
4.0
4.5
7.0
8.0
9.5
11.0
3.5
4.5
10.0
12.0
ns
tPHZ
tPLZ
Output Disable time
EBA to An or EAB to Bn
Waveform 4
Waveform 5
2.5
4.5
5.0
8.5
8.0
11.5
2.5
4.0
9.0
11.5
ns
AC SETUP REQUIREMENTS FOR 74F544
74F544 LIMITS
Tamb = +25°C
Tamb = 0°C to +70°C
SYMBOL
PARAMETER
TEST CONDITIONS
VCC = 5.0V
VCC = 5.0V ± 10%
UNIT
SYMBOL
PARAMETER
TEST CONDITIONS
CL = 50pF
RL = 500Ω
CL = 50pF
RL = 500Ω
UNIT
MIN
TYP
MIN
MAX
ts(H)
ts(L)
Setup time, High or Low
An to LEAB or Bn to LEBA
Waveform 3
1.5
1.5
2.0
2.5
ns
th(H)
th(L)
Hold time, High or Low
An to LEAB or Bn to LEBA
Waveform 3
1.5
2.0
2.5
2.5
ns
ts(H)
ts(L)
Setup time, High or Low
An to EAB or Bn to EBA
Waveform 3
1.5
1.5
2.5
2.5
ns
th(H)
th(L)
Hold time, High or Low
An to EAB or Bn to EBA
Waveform 3
1.5
2.0
2.0
2.0
ns
tw(L)
Latch enable pulse width, Low
Waveform 3
4.0
4.5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com