| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LP2985A-13DBVT bảng dữ liệu(PDF) 1 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LP2985A-13DBVT bảng dữ liệu(HTML) 1 Page - Texas Instruments |
|
1 / 15 page ![]() LP2985LV 150mA LOW NOISE, LOW DROPOUT REGULATOR WITH SHUTDOWN FOR OUTPUT VOLTAGES <2.3 V SLVS552 − OCTOBER 2004 1 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 D Available in the Texas Instruments NanoStar and NanoFree Wafer Chip Scale Packages D Output Tolerance of: − 1% (A Grade) − 1.5% (Standard Grade) D Ultra Low Dropout, Typically 280 mV at Full Load of 150 mA D Wide VIN Range ... 16 V (Max) D Low IQ ... 850 µA at Full Load at 150 mA D Shutdown Current... 0.01 µA Typ D Low Noise ...30 µVRMS With 10-nF Bypass Capacitor D Stable With Low ESR Capacitors, Including Ceramic D Over-Current and Thermal Protection D High Peak Current Capability D For VOUT Options .2.5 V, See LP2985 Data Sheet D Portable Applications − Cellular Phones − Palmtop and Laptop Computers − Personal Digital Assistants (PDAs) − Digital Cameras and Camcorders − CD Players − MP3 Players description/ordering information The LP2985LV family of fixed-output, low-dropout regulators offers exceptional, cost-effective performance for both portable and nonportable applications. Available in voltages of 1.25 V, 1.35 V, 1.5 V, 1.7 V, 1.8 V, and 2 V, the family has an output tolerance of 1% for the A version (1.5% for the non-A version), and is capable of delivering 150-mA continuous load current. Standard regulator features, such as over-current and over-temperature protection, are included. The LP2985LV has a host of features that makes the regulator an ideal candidate for a variety of portable applications: • Low dropout: A PNP pass element allows a typical dropout of 280 mV at 150-mA load current. • Low quiescent current: The use of a vertical PNP process allows for quiescent currents that are considerably lower than those associated with traditional lateral PNP regulators. • Shutdown: A shutdown feature is available, allowing the regulator to consume only 0.01 µA when the ON/OFF pin is pulled low. • Low-ESR-capacitor friendly: The regulator is stable with low ESR capacitors, allowing for the use of small, inexpensive ceramic capacitors in cost-sensitive applications. Copyright 2004, Texas Instruments Incorporated DBV (SOT-23) PACKAGE (TOP VIEW) 1 2 3 5 4 VIN GND ON/OFF VOUT BYPASS VOUT YEQ, YEU, YZQ, OR YZU (WCSP) PACKAGE (TOP VIEW) B2 C1 C3 A1 A3 VIN BYPASS ON/OFF GND NanoStar and NanoFree are trademarks of Texas Instruments. Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. PRODUCTION DATA information is current as of publication date. Products conform to specifications per the terms of Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. |
Số phần tương tự - LP2985A-13DBVT |
|
Mô tả tương tự - LP2985A-13DBVT |