| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
IXTH88N30P bảng dữ liệu(PDF) 2 Page - IXYS Corporation |
|
|
|||||||||||||||||||||||||||||
IXTH88N30P bảng dữ liệu(HTML) 2 Page - IXYS Corporation |
|
2 / 5 page ![]() IXYS reserves the right to change limits, test conditions, and dimensions. Symbol Test Conditions Characteristic Values (T J = 25°C, unless otherwise specified) Min. Typ. Max. g fs V DS= 10 V; ID = 0.5 ID25, pulse test 40 50 S C iss 6300 pF C oss V GS = 0 V, VDS = 25 V, f = 1 MHz 950 pF C rss 190 pF t d(on) 25 ns t r V GS = 10 V, VDS = 0.5 VDSS, ID = 60 A 24 ns t d(off) R G = 3.3 Ω (External) 96 ns t f 25 ns Q g(on) 180 nC Q gs V GS= 10 V, VDS = 0.5 VDSS, ID = 0.5 ID25 44 nC Q gd 90 nC R thJC 0.21 K/W R thCK (TO-247) 0.21 K/W (TO-264) 0.15 K/W Source-Drain Diode Characteristic Values (T J = 25°C, unless otherwise specified) Symbol Test Conditions Min. typ. Max. I S V GS = 0 V 88 A I SM Repetitive 220 A V SD I F = IS, VGS = 0 V, 1.5 V Pulse test, t ≤ 300 µs, duty cycle d ≤ 2 % t rr I F = 25 A 250 ns -di/dt = 100 A/ µs Q RM V R = 100 V 3.3 µC IXTH 88N30P IXTT 88N30P TO-268 Outline IXYS MOSFETs and IGBTs are covered by one or more of the following U.S. patents: 4,835,592 4,881,106 5,017,508 5,049,961 5,187,117 5,486,715 6,306,728B1 6,259,123B1 6,306,728B1 4,850,072 4,931,844 5,034,796 5,063,307 5,237,481 5,381,025 6,404,065B1 6,162,665 6,534,343 TO-247 AD Outline 1 2 3 Dim. Millimeter Inches Min. Max. Min. Max. A 4.7 5.3 .185 .209 A 1 2.2 2.54 .087 .102 A 2 2.2 2.6 .059 .098 b 1.0 1.4 .040 .055 b 1 1.65 2.13 .065 .084 b 2 2.87 3.12 .113 .123 C .4 .8 .016 .031 D 20.80 21.46 .819 .845 E 15.75 16.26 .610 .640 e 5.20 5.72 0.205 0.225 L 19.81 20.32 .780 .800 L1 4.50 .177 ∅P 3.55 3.65 .140 .144 Q 5.89 6.40 0.232 0.252 R 4.32 5.49 .170 .216 S 6.15 BSC 242 BSC |