| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CM6350-333 bảng dữ liệu(PDF) 1 Page - API Delevan |
|
|
|||||||||||||||||||||||||||||
CM6350-333 bảng dữ liệu(HTML) 1 Page - API Delevan |
|
|
1 / 1 page ![]() 11/2002 PAGE 125 www.delevan.com E-mail: apisales@delevan.com 270 Quaker Rd., East Aurora NY 14052 • Phone 716-652-3600 • Fax 716-652-4814 Series CM6350 Surface Mount Common Mode Choke 0.20 0.30 0.42 0.55 0.85 1.20 1.80 1.60 2.10 2.80 4.20 6.00 9.00 13.00 33 47 68 100 150 220 330 470 680 1000 1500 2200 3300 4700 5.50 5.00 4.20 3.30 2.70 2.20 1.80 1.50 1.20 0.90 0.75 0.60 0.40 0.25 0.007 0.008 0.010 0.014 0.020 0.027 0.040 0.060 0.090 0.130 0.190 0.300 0.550 1.050 Mechanical Configuration A flat top surface mount case with excellent coplanarity of terminals. Physical Parameters Inches Millimeters A 0.285 ± 0.010 7.24 ± 0.25 B 0.360 ± 0.010 9.14 ± 0.25 C 0.060 ± 0.010 1.52 ± 0.25 D 0.350 ± 0.010 8.90 ± 0.25 E 0.200 ± 0.010 5.08 ± 0.25 F 0.025 ± 0.010 0.64 ± 0.25 G 0.040 (Ref. only) 1.02 (Ref.only) Electrical Configuration 1) Inductance and DCR in table is for either L1 or L2. 2) Leakage Inductance tested at L1 with L2 shorted or at L2 with L1 shorted. 3) Windings balanced within 2% 4) Inductance tested @ 10 kHz Operating Temperature Range –55°C to +125°C Electrical Characteristics Measured at +25°C Rated RMS Current Based upon 40°C temperature rise from 25°C ambient Maximum Power Dissipation at 25°C 0.400 Watts Inductance Tolerance Units are supplied to the tolerance indicated in the tables @ 10 KHz Marking Parts are printed with Delevan, Inductance Value, and white dot at terminal #1. Packaging Tape & reel (24mm): 13" reel, 600 pieces max.; 7" reel not available FERRITE CORE CM6350-333 CM6350-473 CM6350-683 CM6350-104 CM6350-154 CM6350-224 CM6350-334 CM6350-474 CM6350-684 CM6350-105 CM6350-155 CM6350-225 CM6350-335 CM6350-475 LAND PATTERN DIMENSIONS |
Số phần tương tự - CM6350-333 |
|
Mô tả tương tự - CM6350-333 |