công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

KSC1 bảng dữ liệu(PDF) 7 Page - C&K Components

tên linh kiện KSC1
Giải thích chi tiết về linh kiện  Sealed Tact Switch for SMT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CK-COMPONENTS [C&K Components]
Trang chủ  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

KSC1 bảng dữ liệu(HTML) 7 Page - C&K Components

Back Button KSC1 Datasheet HTML 3Page - C&K Components KSC1 Datasheet HTML 4Page - C&K Components KSC1 Datasheet HTML 5Page - C&K Components KSC1 Datasheet HTML 6Page - C&K Components KSC1 Datasheet HTML 7Page - C&K Components KSC1 Datasheet HTML 8Page - C&K Components KSC1 Datasheet HTML 9Page - C&K Components KSC1 Datasheet HTML 10Page - C&K Components KSC1 Datasheet HTML 11Page - C&K Components Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
B–81
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ckswitches.com
B
KSC2 Series
Sealed Tact Switch for SMT
B
16 Mar 22
+0,3
6,2 0
ø 3
LFS Lead free compatible, silver plated
LFG Lead free compatible, gold plated
Contact Material
1 Silver
2 Silver long life
3 Gold
4 Gold long life
How To Order
Our easy build-a-switch concept allows you to mix and match options to create the switch you need. To order, select
desired option from each category and place it in the appropriate box.
However, please note that all the combinations of these options are not feasible.
For any part number different from those listed above, please consult your local representative.
K S C 2
Operating Force
0 1.6 N (160 grams)
2 2 N (200 grams)
4 3.5 N (350 grams)
5 5.5 N (550 grams)
See mechanical chart above
to confirm specifications
Termination
J J bend
G Gullwing
Tactile Ratio
NONE Standard version
SP DELTA
Special delta version
Operating
Operating
Type
force FA
life
Travel
(Newtons)
(operations)
(mm)
KSC201
1.6 ± 0.6
5,000,000
0.3 ± 0.2
KSC221
2 ± 0.5
500,000
0.35 + 0.25/- 0.15
KSC222
2 ± 0.5
1,000,000 0.35 + 0.25/- 0.15
KSC241
3.5 ± 0.9
300,000
0.5 ± 0.2
KSC251
5.55 ± 1.45
300,000
0.5 ± 0.2
KSC241 SP DELTA 3.55 ± 0.9
300,000
0.5 ± 0.2
KSC251 SP DELTA 6.2 ± 1.55
100,000
0.6 ± 0.2
KSC2 soft actuator 3,5 mm high
Packaging
Switches delivered on continuous tape & reels of 2,000 pieces
Dimensions according to EIA RS-481/ IEC 60286-3 standard
External diameter 330 ± 2 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com