công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

KSC bảng dữ liệu(PDF) 8 Page - C&K Components

tên linh kiện KSC
Giải thích chi tiết về linh kiện  Sealed Tact Switch for SMT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CK-COMPONENTS [C&K Components]
Trang chủ  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

KSC bảng dữ liệu(HTML) 8 Page - C&K Components

Back Button KSC_V02 Datasheet HTML 4Page - C&K Components KSC_V02 Datasheet HTML 5Page - C&K Components KSC_V02 Datasheet HTML 6Page - C&K Components KSC_V02 Datasheet HTML 7Page - C&K Components KSC_V02 Datasheet HTML 8Page - C&K Components KSC_V02 Datasheet HTML 9Page - C&K Components KSC_V02 Datasheet HTML 10Page - C&K Components KSC_V02 Datasheet HTML 11Page - C&K Components KSC_V02 Datasheet HTML 12Page - C&K Components Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
B
B–82
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ckswitches.com
B–82
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ckswitches.com
KSC3 Series
Sealed Tact Switch for SMT
1 mar 17
1
+0,3
6,2 0
ø 2,8
LFS Lead free compatible, silver plated
LFG Lead free compatible, gold plated
Contact Material
1 Silver
3 Gold
How To Order
Our easy build-a-switch concept allows you to mix and match options to create the switch you need. To order, select
desired option from each category and place it in the appropriate box.
However, please note that all the combinations of these options are not feasible.
For any part number different from those listed above, please consult your local representative.
K S C 3
Operating Force
2 2 N (200 grams)
4 3 N (300 grams)
5 5 N (500 grams)
See mechanical chart above
to confirm specifications
Termination
J J bend
G Gullwing
Operating
Operating
Type
force FA
life
Travel
(Newtons)
(operations)
(mm)
KSC321
2 ± 0.4
300,000
0.2 + 0.3/- 0
KSC341
3 ± 0.75
300,000
0.2 + 0.3/- 0
KSC351
5 ± 1
100,000
0.25 + 0.3/- 0
KSC3 hard actuator 3,5 mm high
Packaging
Switches delivered on continuous tape & reels of 2,000 pieces
Dimensions according to EIA RS-481/ IEC 60286-3 standard
External diameter 330 ± 2 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com