| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TP-UART bảng dữ liệu(PDF) 13 Page - Siemens Semiconductor Group |
|
|
|||||||||||||||||||||||||||||
TP-UART bảng dữ liệu(HTML) 13 Page - Siemens Semiconductor Group |
|
13 / 26 page ![]() TP-UART-IC The reproduction, transmission or use of this document or it‘s contents is not permitted without express written authority. All rights, including right created by patent grant or registration of a utility model or design, are reserved. Technical changes reserved. 25.15.10.41.33a 25.10.01 page 13 Ack / Nack / Busy Generation of the TP- UART: No Yes Yes No No Yes Receive frame Addr. Nack Busy Send NACK Send BUSY Send ACK Timing for sending U_AckInformation (9600 Baud): Interchargap (2Bit) Parity 1 Startbit 1 Stopbit 8 Datenbits 15 Bit Pause Addresstype TPCI Checksum Ack Receive from Bus 6 7 p s s 0 1 2 3 4 5 6 7 p s s 0 1 2 3 4 5 6 7 p s s 0 1 2 3 4 5 6 7 p s s 0 1 2 3 4 5 6 7 p s Addresstype TPCI Checksum Send to Host-Con. p s s 0 1 2 3 4 5 6 7 p s s 0 1 2 3 4 5 6 7 p s s 0 1 2 3 4 5 6 7 p s s 0 1 2 3 4 5 6 7 p s Ack-Information Rec. fr. Host-Con. s 0 1 2 3 4 5 6 7 p s Send to Bus s 0 1 2 3 4 5 6 7 p s Time for Addresssearch (17 Bit) 1 Bit Buffertime 1 Bit Buffertime |