| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PI5USB2546JZHDEX bảng dữ liệu(PDF) 20 Page - Diodes Incorporated |
|
|
|||||||||||||||||||||||||||||
PI5USB2546JZHDEX bảng dữ liệu(HTML) 20 Page - Diodes Incorporated |
|
20 / 31 page ![]() PI5USB2546J www.diodes.com November 2020 Document Number DS43167 Rev 1-2 20 © Diodes Incorporated PI5USB2546J Load Detect PI5USB2546J offer system designers unique power management strategy not available in the industry from similar devices. There are two power management schemes supported by the PI5USB2546J via the /STATUS pin, they are: 1. Power Wake (PW) 2. Port Power Management (PPM) Either feature may be implemented in a system depending on power savings goals for the system. In general Power Wake feature is used mainly in mobile systems like a notebook where it is imperative to save battery power when system is in deep sleep (S4/S5) state. On the other hand Port Power Management feature would be implemented where multiple charging ports are supported in the same system and system power rating is not capable of supporting high current charging on multiple ports simultaneously. Power Wake Goal of power wake feature is to save system power when system is in S4/S5 state. In S4/S5 state system is in deep sleep and typically running of the battery; so every “mW” in system power savings will translate to extending battery life. In this state the PI5USB2546J will monitor charging current at the OUT pin and provide a mechanism via the /STATUS pin to switch out the high power DC-DC controller and switch in a low power LDO when charging current requirement is <45mA (typ.). This would be the case when no peripheral device is connected at the charging port or if a device has attained its full battery charge and draws <45mA. Power wake flow chart and description is shown as Figure 6. |