| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TFSERIESSNAP bảng dữ liệu(PDF) 6 Page - C&K Components |
|
|
|||||||||||||||||||||||||||||
TFSERIESSNAP bảng dữ liệu(HTML) 6 Page - C&K Components |
|
6 / 7 page ![]() J-10 Dimensions are shown: IN (mm) Dimensions subject to change www.ittcannon.com C&K TF Series Miniature Snap-acting Switches ACTUATOR Third Angle Projection J TERMINATIONS 60 SCREW TERMINALS 40 (STD.) .187" QUICK CONNECT .030 (0,51) .047 (1,19) .010 (0.25) .21 .35 .35 .53 .92 1.23 1.97 3.88 6 101015263556 110 .53 .88 1.76 2.65 4.23 5.29 7.94 14.11 15 25 50 75 120 150 225 400 WP0 .235 (5,97) .500 (12,70) .100 (2,54) N/A .04 .04 .05 .11 .12 .21 .39 1 1 1.5 3 3.5 6 11 N/A .14 .28 .42 .71 .85 1.27 2.26 4 8 12 20 24 36 64 T26 .125 (3,18) .250 (6,35) .055 (1,40) .04 .07 .07 .07 .14 .21 .35 .99 122246 10 28 .18 .28 .53 .88 1.41 1.59 2.47 4.23 5 8 15 25 40 45 70 120 T25 .120 (3,05) .250 (6,35) .050 (1,27) .04 .07 .07 .07 .14 .21 .35 .71 122246 10 20 .18 .28 .56 .85 1.41 1.69 2.65 4.41 5 8 16 24 40 48 75 125 T23 .060 (1,52) .140 (3,56) .030 (0,76) .21 .35 .35 .53 .71 .71 1.98 3.88 6 101015202056 110 .53 .71 1.41 2.12 3.53 4.23 6 9.70 15 20 40 60 100 120 170 275 T20 MINIMUM OVERTRAVEL ALL FORCES MAXIMUM PRETRAVEL ALL FORCES MAXIMUM DIFFERENTIAL TRAVEL ALL FORCES MINIMUM RELEASE FORCE (OZ./GRAMS) CC CD CF CG CH CJ EC EE MAXIMUM OPERATING FORCE (OZ./GRAMS) CC CD CF CG CH CJ EC EE OPTION CODE NOTE: For basic switch operating forces, see page J-6. SWITCH CHARACTERISTICS HIGH FORCE, LOW MOTION PIVOT POSITION LOW FORCE, HIGH MOTION PIVOT POSITION NOTE: Lever actuator options are available in either of two pivot positions. Levers located in the forward pivot position have lower forces and higher motions. Levers located in the rear pivot position have higher forces and lower motions. Available with actuators A10, A15, T10, T13, T14, T15, T16 and T18. Available with actuators A25, T20, T23, T25 and T26. |