công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TF2 bảng dữ liệu(PDF) 5 Page - C&K Components

tên linh kiện TF2
Giải thích chi tiết về linh kiện  Mid Size Snap-acting Switches
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CK-COMPONENTS [C&K Components]
Trang chủ  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

TF2 bảng dữ liệu(HTML) 5 Page - C&K Components

  TF2 Datasheet HTML 1Page - C&K Components TF2 Datasheet HTML 2Page - C&K Components TF2 Datasheet HTML 3Page - C&K Components TF2 Datasheet HTML 4Page - C&K Components TF2 Datasheet HTML 5Page - C&K Components TF2 Datasheet HTML 6Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
J
J–92
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ckswitches.com
Available with actuators A20, A25, T20, T23, T24, T25, T26, and T28.
.440
[11,17]
HIGH FORCE, LOW MOTION PIVOT POSITION
LOW FORCE, HIGH MOTION PIVOT POSITION
NOTE: Lever actuator options are available in either of two pivot positions.
Levers located in the forward pivot position have lower forces and higher motions.
Levers located in the rear pivot position have higher forces and lower motions.
Available with actuators A10, A15, T10, T13, T14, T15, T16 and T18.
TF2 Series
Mid Size Snap-acting Switches
ACTUATOR
Lever Type
CC
CF
CG
CH
CJ
EC
EE
Pre-Travel
max. mm
Max
Differential
max. mm
Over Travel
Min. mm
OF
18
45
75
110
170
230
330
RF
37
14
20
34
42
60
OF
18
45
75
110
170
230
330
RF
-6
11
17
25
35
50
OF
827435085
120
175
RF
-
357
13
17
25
OF
10
28
43
65
110
140
205
RF
-
358
14
17
31
OF
71624355670
100
RF
---
459
12
OF
20
55
80
110
170
230
330
RF
-5
11
16
28
31
45
OF
8355570
100
120
175
RF
-
357
14
18
28
OF
8304565
100
125
180
RF
--
57
12
16
25
OF
7203040516590
RF
----
689
OF
16
25
35
50
80
100
140
RF
-
246
11
14
20
OF
13
18
24
32
45
55
90
RF
--
2357
10
OF
15
17
32
55
85
110
150
RF
--
46
12
15
22
OF
10
12
18
35
45
65
90
RF
--
2468
11
OF
18
22
37
50
86
125
180
RF
-3
59
14
17
24
OF
5162530516590
RF
--
346
811
1.05
9.72.2
3.1
3.6
5.91
1.6
1.8
9.92.05
T16
T26
T15
T25
5
T14
T24
A10
A20
11
4.2
9.3
A15
A25
T17
T27
0.81.4
5.51.1
2.3
5.5
2.7
4.65
0.45
2.8
1.25
3.6
1.2
1.6
1.8
0.55
1.4
8.71.7
0.6
3.2
5.20.9
1.55
T10
T20
0.8
2.80.5
P00
1.72
0.6
0.4
Grams
.548
[13,93]
4 Jul 22



Html Pages

1 2 3 4 5 6