| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HB bảng dữ liệu(PDF) 5 Page - C&K Components |
|
|
|||||||||||||||||||||||||||||
HB bảng dữ liệu(HTML) 5 Page - C&K Components |
|
5 / 6 page ![]() J J–54 Dimensions are shown: Inches (mm) Specifications and dimensions subject to change www.ck-components.com .19 (4,8) 0.9 (2,3) .19 (4,8) .141 (3,58) .005 (0,13) .22 (5,6) 0.9 (2,3) .055 (1,40) .156 (3,96) PB .19 (4,8) 0.9 (2,3) .19 (4,8) .141 (3,58) .005 (0,13) .22 (5,6) 0.9 (2,3) .055 (1,40) .156 (3,96) KH .19 (4,8) — .19 (4,8) — .005 (0,13) — — — .156 (3,96) KG — 0.9 (2,3) — .141 (3,58) .005 (0,13) .22 (5,6) 0.9 (2,3) .055 (1,40) — KC .19 (4,8) .06 (1,5) .19 (4,8) .141 (3,58) .005 (0,13) .22 (5,6) .06 (1,5) .055 (1,40) .156 (3,96) KA — — — — .005 (0,13) — — — — GF MINIMUM OVERTRAVEL (IN/MM) .38 (9,7) 0.9 (2,3) .38 (9,7) .030 (0,76) .030 (0,76) .030 (0,76) 0.9 (2,3) .030 (0,76) .38 (9,7) PB .38 (9,7) 0.9 (2,3) .38 (9,7) .025 (0,64) .025 (0,64) .025 (0,64) 0.9 (2,3) .025 (0,64) .38 (9,7) KH .38 (9,7) — .38 (9,7) — .025 (0,64) — — — .312 (7,92) KG — .09 (2,3) — .020 (0,51) .020 (0,51) .020 (0,51) 0.8 (2,0) .020 (0,51) — KC .38 (9,7) .09 (2,3) .38 (9,7) .015 (0,38) .015 (0,38) .015 (0,38) 0.8 (2,0) .020 (0,51) .312 (7,92) KA — — — — .020 (0,51) — — — — GF MAXIMUM PRETRAVEL (IN/MM) .156 (3,96) .031 (0,79) .156 (3,96) — .005 (0,13) — .030 (0,76) .007 (0,18) .125 (3,18) PB .093 (2,36) .020 (0,51) .093 (2,36) — .003 (0,08) — .020 (0,51) .003 (0,76) .080 (2,03) KH .078 (1,98) — .078 (1,98) — .003 (0,08) — — — .062 (1,57) KG — .009 (0,23) — — .002 (0,05) — .008 (0,20) .002 (0,05) — KC .047 (1,19) .005 (0,13) .047 (1,19) — .0005 (0,013) — .005 (0,13) .0005 (0,013) .020 (0,51) KA — — — — .0005 (0,013) — — — — GF MAXIMUM DIFFERENTIAL TRAVEL (IN/MM) * SEALED ACTUATOR TS ACTUATOR A0 D0 F0 J0 P0 R5 T0 Y0 OPTION CODE HB Series Single Pole Standard Precision Snap-acting Switches ACTUATOR NOTE: For basic switch operating forces, see page J-51. * Actuators sealed against the entrance of airborne contaminants and/or splashing liquids. .5 14 3 85 .5 14 4 110 4 110 4 110 3 85 4 110 .75 21 PB .5 14 3 85 .5 14 4 110 4 110 4 110 3 85 4 110 .75 21 KH .5 14 — .5 14 — 4 110 — — — .75 21 KG — 3 85 — 4 110 4 110 4 110 3 85 4 110 1.7 48 KC .5 14 3 85 .5 14 4 110 4 110 4 110 3 85 4 110 .75 21 KA — — — — 1 28 — — — — GF MINIMUM RELEASE FORCE (OZ./GRAMS) 3.5 100 20 570 3.5 100 26 740 26 740 26 740 20 570 26 740 4.5 130 PB 3 85 20 570 3 85 20 570 20 570 20 570 20 570 20 570 4 115 KH 2.5 71 — 2.5 71 — 18 510 — — — 3.5 100 KG — 10 284 — 13 370 13 370 13 370 10 284 13 370 — KC 2 56 10 284 2 60 10 284 9 255 10 284 10 284 9.5 269 3 85 KA — — — — 4 115 — — — — GF MAXIMUM OPERATING FORCE (OZ./GRAMS) * SEALED ACTUATOR TS ACTUATOR A0 D0 F0 J0 P0 R5 T0 Y0 OPTION CODE |