công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCP33151-05-E/MS bảng dữ liệu(PDF) 38 Page - Microchip Technology

tên linh kiện MCP33151-05-E/MS
Giải thích chi tiết về linh kiện  1 Msps/500 ksps, 14/12-Bit Single-Ended Input SAR ADC
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP33151-05-E/MS bảng dữ liệu(HTML) 38 Page - Microchip Technology

Back Button MCP33151-05-E/MS Datasheet HTML 34Page - Microchip Technology MCP33151-05-E/MS Datasheet HTML 35Page - Microchip Technology MCP33151-05-E/MS Datasheet HTML 36Page - Microchip Technology MCP33151-05-E/MS Datasheet HTML 37Page - Microchip Technology MCP33151-05-E/MS Datasheet HTML 38Page - Microchip Technology MCP33151-05-E/MS Datasheet HTML 39Page - Microchip Technology MCP33151-05-E/MS Datasheet HTML 40Page - Microchip Technology MCP33151-05-E/MS Datasheet HTML 41Page - Microchip Technology MCP33151-05-E/MS Datasheet HTML 42Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 55 page
background image
MCP33151/41-XX
DS20006220A-page 38
 2019 Microchip Technology Inc.
FIGURE 6-4:
Interface Timing Diagram for Accumulator Operation in 3-Wire CS Mode, Without
BUSY Status Indicator Output Bit.
6.1.1.2
3-Wire CS Mode with BUSY Output
Bit
This interface option is typically used when a single
MCP33151/41-XX is connected to an SPI-compatible
digital host that has an interrupt (IRQ) input.
Figure 6-5 shows the connection diagram with the
host device. In this mode, CNV functions as both con-
version control and CS.
To enable this interface option, SDI can either be tied
to GND, or permanently held in a Logic = 0 state. By
doing so, the device will always output a BUSY status
bit.
As shown in Figure 6-6, at the rising edge of CNV,
conversion is initiated. The SDO pin becomes High-Z
state (if no external pull-up is used). Once the conver-
sion is initiated, it continues and completes the conver-
sion regardless of the CNV pin condition. This means
the CNV pin can be used for other SPI devices after
the conversion is initiated.
When conversion is complete, the device enters an
acquisition phase and Power-Down state, SDO comes
out of the High-Z state, and outputs a BUSY status
indicator bit (Low level). The device exits the acquisi-
tion phase when CNV once again returns to a High
state. SDO then returns to a High-Z state after the 15th
SCLK falling edge or when CNV goes High, whichever
occurs first.
This configuration provides a high-to-low transition on
the IRQ pin of the digital host by the BUSY bit. The
data bits are clocked out, MSB first, on the subsequent
SCLK falling edges. Data are valid on both edges of
SCLK and can be captured on either edge. However, a
digital host capturing data on the SCLK falling edge
can achieve a faster reading rate.
Figure 6-6 and Figure 6-7 show the timing diagrams
for both early and late CNV lowering scenarios.
SDI = 1
SCLK
SDO
CNV (CS)
TCYC(1)
= 1/fs
DM-1
DM-2
DM-3
D0
D1
D2
tSCLK
tDO
tSCLK_H
tSCLK_L
1
23
M-2
tCNVH
tEN
tQUIET
tDIS
ADC
State
tCNV
tSU_SDIH_CNV
tACQ
tACQ
tCNVH
TCYC(N) = 1/fs
4
DM-4
D14
TCYC(2)
= 1/fs
tCNVH
tCNV
D15
TCYC(3) … TCYC(N-1)
tACQ
tACQ
tCNV
M-1
M
Legend
No signal transitions during compressed time
Signal transitions during compressed time
Note:
See Section 5.7, Data Accumulator for
more details about using the data
accumulator feature.
Note:
It is recommended that CNV be driven
Low before the minimum conversion time
(tCNV) expires, and remain Low until the
maximum
possible
conversion
time
(tCONV) expires. A Low level on the CNV
input at the end of a conversion ensures
the device generates a BUSY status
indicator bit when the ADC has finished
converting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com