công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

3542/7 bảng dữ liệu(PDF) 2 Page - Alpha Wire

tên linh kiện 3542/7
Giải thích chi tiết về linh kiện  Customer Specification
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ALPHAWIRE [Alpha Wire]
Trang chủ  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

3542/7 bảng dữ liệu(HTML) 2 Page - Alpha Wire

  3542/7 Datasheet HTML 1Page - Alpha Wire 3542/7 Datasheet HTML 2Page - Alpha Wire 3542/7 Datasheet HTML 3Page - Alpha Wire 3542/7 Datasheet HTML 4Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Properties
Other
1) EU Directive 2011/65/EU(RoHS2):
All materials used in the manufacture of this part are in compliance with
European Directive 2011/65/EU regarding the restriction of use of certain
hazardous substances in electrical and electronic equipment. Consult Alpha
Wire's web site for RoHS C of C.
2) REACH Regulation (EC 1907/2006):
This product does not contain Substances of Very High Concern (SVHC)
listed on the European Union's REACH candidate list in excess of 0.1%
mass of the item. For up-to-date information, please see Alpha's REACH
SVHC Declaration.
3) California Proposition 65:
The outer surface materials used in the manufacture of this part meet the
requirements of California Proposition 65.
Physical & Mechanical Properties
1) Temperature Range
-55 to 105°C
2) Bend Radius
10X Cable Diameter
3) Pull Tension
70 Lbs, Maximum
Electrical Properties
(For Engineering purposes only)
1) Voltage Rating
600 VRMS
2) Capacitance
30 pf/ft @1 kHz, Nominal Conductor to Conductor
3) Inductance
0.19 µH/ft, Nominal
4) Conductor DCR
25 Ω/1000ft @20°C, Nominal
Packaging
Flange x Traverse x Barrel (inches)
a) 100 FT
11 x 1 x 3 Continuous length
[Spool dimensions may vary slightly]
 
www.alphawire.com
Alpha Wire | 711 Lidgerwood Avenue, Elizabeth, NJ 07207
Tel: 1-800-52 ALPHA (25742)



Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com