| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ISO808 bảng dữ liệu(PDF) 29 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ISO808 bảng dữ liệu(HTML) 29 Page - STMicroelectronics |
|
29 / 38 page ![]() 13 Package information In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK packages, depending on their level of environmental compliance. ECOPACK specifications, grade definitions and product status are available at: www.st.com. ECOPACK is an ST trademark. 13.1 PowerSO-36 package information Figure 30. PowerSO-36 package outline ISO808, ISO808-1 Package information DS14169 - Rev 1 page 29/38 |