công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UT63M147BCX bảng dữ liệu(PDF) 10 Page - Aeroflex Circuit Technology

tên linh kiện UT63M147BCX
Giải thích chi tiết về linh kiện  MIL-STD-1553A/B Bus Transceiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AEROFLEX [Aeroflex Circuit Technology]
Trang chủ  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT63M147BCX bảng dữ liệu(HTML) 10 Page - Aeroflex Circuit Technology

Back Button UT63M147BCX Datasheet HTML 6Page - Aeroflex Circuit Technology UT63M147BCX Datasheet HTML 7Page - Aeroflex Circuit Technology UT63M147BCX Datasheet HTML 8Page - Aeroflex Circuit Technology UT63M147BCX Datasheet HTML 9Page - Aeroflex Circuit Technology UT63M147BCX Datasheet HTML 10Page - Aeroflex Circuit Technology UT63M147BCX Datasheet HTML 11Page - Aeroflex Circuit Technology UT63M147BCX Datasheet HTML 12Page - Aeroflex Circuit Technology UT63M147BCX Datasheet HTML 13Page - Aeroflex Circuit Technology UT63M147BCX Datasheet HTML 14Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Appendix 2 - 10
RECEIVER ELECTRICAL CHARACTERISTICS 1
VCC = 5.0V ±10%
-55
°C < T
C < +125°C
Notes:
1. All tests guaranteed per test figure 6.
2. Capacitance is measured only for initial qualification and after any process or design changes which may affect input or output capacitance.
3. Pass/fail criteria per the test method described in MIL-HDBK-1553 Appendix A, RT Validation Test Plan, Section 5.1.2.2, Common Mode Rejection.
4. Guaranteed by design.
5. Guaranteed to the limits specified if not tested.
SYMBOL
PARAMETER
MINIMUM
MAXIMUM
UNIT
CONDITION
CIN
2
Input capacitance
15
pF
RXEN; input
ƒ = 1MHz @ 0V
COUT
2
Output capacitance
20
pF
RXOUT, RXOUT;
ƒ = 1MHz @ 0V
VIC
5
Common mode input
voltage
-5
5
V
Direct-coupled stub; input 1.2 VPP,
200ns rise/fall time
±25ns,
ƒ = 1MHz
VTH
Input threshold
voltage4 (no response)
Input threshold voltage
(no response)
Input threshold
voltage4 (response)
Input threshold voltage
(response)
0.86
1.20
0.20
0.28
14.0
20.02
VPP,L-L
VPP,L-L
VPP,L-L
VPP,L-L
Transformer-coupled stub; input at
ƒ = 1MHz, rise/fall time 200ns at
(Receiver output 0
→ 1 transition)
Direct-coupled stub; input at
ƒ = 1MHz,
rise/fall time 200ns at (Receiver output
0
→ 1 transition)
Transformer-coupled stub; input at
ƒ = 1MHz, rise/fall time 200ns at
(Receiver output 0
→ 1 transition)
Direct-coupled stub; input at
ƒ = 1MHz,
rise/fall time 200ns at (Receiver output
0
→ 1 transition)
CMRR5
Common mode
rejection ratio
Pass/Fail 3
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com