| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UT63M-147CPC bảng dữ liệu(PDF) 16 Page - Aeroflex Circuit Technology |
|
|
|||||||||||||||||||||||||||||
UT63M-147CPC bảng dữ liệu(HTML) 16 Page - Aeroflex Circuit Technology |
|
16 / 20 page ![]() Appendix 2 - 16 Figure 15. 24-Lead Flatpack, Dual Cavity (50-mil lead spacing) Notes: 1. Package material: opaque ceramic. 2. All package plating finishes are per MIL-PRF-38535. 3. It is recommended that package ceramic be mounted to a heat removal rail located in the printed circuit board. A thermally conductive material should be used. .810 MAX. .600 MAX. .400 MIN. LEAD 1 INDICATOR 0.130 MAX. 0.070 ±0.010 (AT CERAMIC BODY) .050 0.016 ±.002 .010 + .002 - .001 |