công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UT63M-147BPC bảng dữ liệu(PDF) 3 Page - Aeroflex Circuit Technology

tên linh kiện UT63M-147BPC
Giải thích chi tiết về linh kiện  MIL-STD-1553A/B Bus Transceiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AEROFLEX [Aeroflex Circuit Technology]
Trang chủ  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT63M-147BPC bảng dữ liệu(HTML) 3 Page - Aeroflex Circuit Technology

  UT63M-147BPC Datasheet HTML 1Page - Aeroflex Circuit Technology UT63M-147BPC Datasheet HTML 2Page - Aeroflex Circuit Technology UT63M-147BPC Datasheet HTML 3Page - Aeroflex Circuit Technology UT63M-147BPC Datasheet HTML 4Page - Aeroflex Circuit Technology UT63M-147BPC Datasheet HTML 5Page - Aeroflex Circuit Technology UT63M-147BPC Datasheet HTML 6Page - Aeroflex Circuit Technology UT63M-147BPC Datasheet HTML 7Page - Aeroflex Circuit Technology UT63M-147BPC Datasheet HTML 8Page - Aeroflex Circuit Technology UT63M-147BPC Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Appendix 2 - 3
RECEIVER
Note:
1. The 24-lead flatpack internally connects TXOUT to RXIN (CHA, CHB) and TXOUT to RXIN (CHA, CHB) for each channel.
POWER AND GROUND
NAME
PIN
NUMBER
TYPE
DESCRIPTION
RXOUT
(A)
RXOUT
(B)
5 [4]
14 [10]
TO
TO
Receiver outputs: RXOUT and RXOUT are complementary
Manchester II decoder outputs.
RXOUT
(A)
RXOUT
(B)
8 [6]
17 [12]
TO
TO
RXOUT is the complement of RXOUT output.
RXEN
(A)
RXEN
(B)
6 [5]
15 [11]
TI
TI
Receiver enable/disable: This is an active high input signal.
RXIN 1
(A)
RXIN
(B)
29 [1]
20 [7]
DI
[DIO]
DI
[DIO]
Receiver input: RXIN and RXIN are biphase-modulated
Manchester II bipolar inputs from MIL-STD-1553 data bus.
RXIN 1
(A)
RXIN
(B)
30 [2]
21 [8]
DI
[DIO]
DI
[DIO]
RXIN is the half-cycle complement of RXIN input.
NAME
PIN
NUMBER
TYPE
DESCRIPTION
VCC
(A)
VCC
(B)
33 [20]
24 [14]
PWR
PWR
+5 VDC power (±10%)
Recommended decoupling capacitors:
47
µF (tantalum), 0.1µF (ceramic) and 0.01µF (ceramic)
GND
(A)
GND
(B)
3, 7, 31
[3,19,21]
12, 16, 22
[9,13,15]
GND
GND
Ground reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20