| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MASWSS0130SMB bảng dữ liệu(PDF) 2 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
MASWSS0130SMB bảng dữ liệu(HTML) 2 Page - Tyco Electronics |
|
2 / 4 page ![]() GaAs Broadband DPDT Diversity Switch 0.5 - 3.0 GHz MASWSS0130 M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information. • North America Tel: 800.366.2266 / Fax: 978.366.2266 • Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 • Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information. V5 2 RoHS Compliant Parameter Absolute Maximum Input Power @ 3 V Control +35 dBm Input Power @ 5 V Control +35 dBm Operating Voltage +8.5 volts Operating Temperature -40°C to +85°C Storage Temperature -65°C to +150°C Absolute Maximum Ratings 4,5 Parameter Test Conditions Units Min. Typ. Max. Insertion Loss 3 2.4 GHz dB 0.6 0.9 Isolation (on/off or off/on) 2.4 GHz dB 20 25 Return Loss 2.4 GHz dB 23 IP2 Two Tone, +15 dBm per tone, 5 MHz Spacing, 2.4 GHz dBm 94 IIP3 Two Tone, +15 dBm per tone, 5 MHz Spacing, 2.4 GHz dBm 55 Input P1dB 2.4 GHz dBm 34 2nd Harmonic 2.4 GHz, PIN = 20 dBm dBm -80 3rd Harmonic 2.4 GHz, PIN = 20 dBm dBm -95 Trise, Tfall 10% to 90% RF 90% to 10% RF nS nS 34 35 Ton, Toff 50% control to 90% RF 50% control to 10% RF nS 48 54 Transients mV 7 Control Current |Vc| = 3 V µA 5 25 Input P0.1dB 2.4 GHz dBm 30 2. External DC blocking capacitors are required on all RF ports. 3. Insertion loss can be optimized by varying the DC blocking capacitor value. Electrical Specifications: TA = 25°C, Z0 = 50 Ω, VC = 0 V/3 V, 8 pF Capacitor 2,3 Qualification Qualified to M/A-COM specification REL-201, Process Flow –2. Handling Procedures Please observe the following precautions to avoid damage: Static Sensitivity Gallium Arsenide Integrated Circuits are sensitive to electrostatic discharge (ESD) and can be damaged by static electricity. Proper ESD control techniques should be used when handling these devices. 4. Exceeding any one or combination of these limits may cause permanent damage to this device. 5. M/A-COM does not recommend sustained operation near these survivability limits. |