| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM9799 bảng dữ liệu(PDF) 6 Page - Diodes Incorporated |
|
|
|||||||||||||||||||||||||||||
AM9799 bảng dữ liệu(HTML) 6 Page - Diodes Incorporated |
|
6 / 9 page ![]() Preliminary Datasheet Single Phase Full-wave Low Voltage Fan Motor Driver AM9799 Jun. 2011 Rev. 1. 1 BCD Semiconductor Manufacturing Limited 6 H+ OUT1 OUT2 FG TON TOFF Motor Lock Lock Cancel Reset Motion Ordinary Thermal Shut Down (TSD) This IC is built-in TSD. TSD has the temperature hysteresis. Output ON Output OFF 150ºc 175ºc TSD OFF TSD ON TSD ON (Typ. 175 °C ) All output transistor OFF. TSD OFF (Typ. 150 °C) Reset ordinary motion. (It has the temperature hysteresis of 25 °C <TYP>) Figure 5. Thermal Shut Down Lock Detection, Automatic Restart Circuit This IC detects the rotation of the motor by hall signal, and adjusts lock detection ON time (Ton) and lock detection OFF time (Toff) by the internal counter. These time (Ton, Toff) are showed below. Figure 6. The Function of Rotor-locked Protection and Auto Restart Diagram of AM9799 |