| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TLE6368 bảng dữ liệu(PDF) 25 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE6368 bảng dữ liệu(HTML) 25 Page - Infineon Technologies AG |
|
25 / 58 page ![]() TLE 6368 / SONIC Data Sheet, Rev. 1.32 25 2004-10-15 3.1.18 Voltage Tracker output voltage Q_T5 Voltage V Q_T5 -5 60 V – Current I Q_T5 –– mA Internally limited 3.1.19 Voltage Tracker output voltage Q_T6 Voltage V Q_T6 -5 60 V – Current I Q_T6 –– mA Internally limited 3.1.20 Select Input SEL Voltage V SEL -0.5 6 V – Current I SEL –– – Internally limited 3.1.21 Wake Up Input Wake Voltage V Wake -0.5 60 V – Current I Wake –– – 3.1.22 Reset Output R1 Voltage V R1 -0.5 6 V – Current I R1 –– – 3.1.23 Reset Output R2 Voltage V R2 -0.5 6 V – Current I R2 –– – 3.1.24 Reset Output R3 Voltage V R3 -0.5 6 V – Current I R3 –– – 3.1.25 SPI Data Input DI Voltage V DI -0.5 6 V – Current I DI –– – 3.1.26 SPI Data Output DO Voltage V DO -0.5 6 V – Current I DO –– – Internally limited 3.1.27 SPI Clock Input CLK Voltage V CLK -0.5 6 V – Current I CLK –– – |