công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TLE4728G bảng dữ liệu(PDF) 1 Page - Infineon Technologies AG

tên linh kiện TLE4728G
Giải thích chi tiết về linh kiện  2-Phase Stepper-Motor Driver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INFINEON [Infineon Technologies AG]
Trang chủ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4728G bảng dữ liệu(HTML) 1 Page - Infineon Technologies AG

  TLE4728G Datasheet HTML 1Page - Infineon Technologies AG TLE4728G Datasheet HTML 2Page - Infineon Technologies AG TLE4728G Datasheet HTML 3Page - Infineon Technologies AG TLE4728G Datasheet HTML 4Page - Infineon Technologies AG TLE4728G Datasheet HTML 5Page - Infineon Technologies AG TLE4728G Datasheet HTML 6Page - Infineon Technologies AG TLE4728G Datasheet HTML 7Page - Infineon Technologies AG TLE4728G Datasheet HTML 8Page - Infineon Technologies AG TLE4728G Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
Data Sheet
1
2004-03-01
2-Phase Stepper-Motor Driver
Bipolar-IC
TLE 4728 G
• Error-flag for overload, open load, overtemperature
• SMD package P-DSO-24-3
Description
TLE 4728 G is a bipolar, monolithic IC for driving bipolar stepper motors, DC motors and
other inductive loads that operate by constant current. The control logic and power
output stages for two bipolar windings are integrated on a single chip which permits
switched current control of motors with 0.7 A per phase at operating voltages up to 16 V.
The direction and value of current are programmable for each phase via separate control
inputs. A common oscillator generates the timing for the current control and turn-on with
phase offset of the two output stages. The two output stages in full-bridge configuration
include fast integrated free wheeling diodes and are free of crossover current. The
device can be driven directly by a microprocessor in several modes by programming
phase direction and current control of each bridge independently.
With the two error outputs the TLE 4728 G signals malfunction of the device. Setting the
control inputs high resets the error flag and by reactivating the bridges one by one the
location of the error can be found.
Type
Ordering Code
Package
TLE 4728 G
Q67006-A9077
P-DSO-24-9
Overview
Features
•2
× 0.7 amp. full bridge outputs
• Integrated driver, control logic and current control
(chopper)
• Fast free-wheeling diodes
• Max. supply voltage 45 V
• Output stages are free of crossover current
• Offset-phase turn-ON of output stages
• All outputs short-circuit proof


Số phần tương tự - TLE4728G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Infineon Technologies A...
TLE4726 INFINEON-TLE4726 Datasheet
258Kb / 23P
2-Phase Stepper-Motor Driver
1999-09-15
TLE4726G INFINEON-TLE4726G Datasheet
258Kb / 23P
2-Phase Stepper-Motor Driver
1999-09-15
TLE4726G INFINEON-TLE4726G Datasheet
434Kb / 25P
2-Phase Stepper-Motor Driver
Rev. 1.1, 2008-06-16
TLE4726G INFINEON-TLE4726G Datasheet
469Kb / 15P
0.8A DC Motor Driver for Servo Driver Applications
Rev. 1.4, May 2017
TLE4726G INFINEON-TLE4726G_08 Datasheet
434Kb / 25P
2-Phase Stepper-Motor Driver
Rev. 1.1, 2008-06-16
More results

Mô tả tương tự - TLE4728G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Mitsubishi Electric Sem...
M54679FP MITSUBISHI-M54679FP Datasheet
191Kb / 9P
2-PHASE STEPPER MOTOR DRIVER
logo
Hitachi Semiconductor
REJ03F0052_M54679SP HITACHI-REJ03F0052_M54679SP Datasheet
199Kb / 12P
2-Phase Stepper Motor Driver
logo
Siemens Semiconductor G...
TLE4727 SIEMENS-TLE4727 Datasheet
222Kb / 22P
2-Phase Stepper-Motor Driver
logo
Renesas Technology Corp
M54670P RENESAS-M54670P Datasheet
194Kb / 11P
2-Phase Stepper Motor Driver
M54678FP RENESAS-M54678FP Datasheet
192Kb / 9P
2-Phase Stepper Motor Driver
M54646AP RENESAS-M54646AP Datasheet
191Kb / 9P
2-Phase Stepper Motor Driver
logo
ON Semiconductor
STK672-430AN-E ONSEMI-STK672-430AN-E Datasheet
825Kb / 26P
2-phase Stepper Motor Driver
January 2014 Ver. 2.2
STK672-442BN-E ONSEMI-STK672-442BN-E Datasheet
895Kb / 28P
2-phase Stepper Motor Driver
January, 2014 Ver. 2
STK672-630AN-E ONSEMI-STK672-630AN-E Datasheet
441Kb / 28P
2-phase Stepper Motor Driver
February, 2014 Ver. 2.2
logo
Infineon Technologies A...
TLE4727 INFINEON-TLE4727 Datasheet
694Kb / 22P
2-Phase Stepper-Motor Driver
2005-07-20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com