công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BL-5630W66-R80 bảng dữ liệu(PDF) 11 Page - American Bright OPTOELECTRONICS CORP.

tên linh kiện BL-5630W66-R80
Giải thích chi tiết về linh kiện  PLCC/Ceramic Based LED Components
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMERICANBRIGHT [American Bright OPTOELECTRONICS CORP.]
Trang chủ  https://www.americanbrightled.com/
Logo AMERICANBRIGHT - American Bright OPTOELECTRONICS CORP.

BL-5630W66-R80 bảng dữ liệu(HTML) 11 Page - American Bright OPTOELECTRONICS CORP.

Back Button BL-5630W66-R80 Datasheet HTML 3Page - American Bright OPTOELECTRONICS CORP. BL-5630W66-R80 Datasheet HTML 4Page - American Bright OPTOELECTRONICS CORP. BL-5630W66-R80 Datasheet HTML 5Page - American Bright OPTOELECTRONICS CORP. BL-5630W66-R80 Datasheet HTML 6Page - American Bright OPTOELECTRONICS CORP. BL-5630W66-R80 Datasheet HTML 7Page - American Bright OPTOELECTRONICS CORP. BL-5630W66-R80 Datasheet HTML 8Page - American Bright OPTOELECTRONICS CORP. BL-5630W66-R80 Datasheet HTML 9Page - American Bright OPTOELECTRONICS CORP. BL-5630W66-R80 Datasheet HTML 10Page - American Bright OPTOELECTRONICS CORP. BL-5630W66-R80 Datasheet HTML 11Page - American Bright OPTOELECTRONICS CORP.  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
B
BR
RIIG
GH
HT
T L
LE
ED
D E
EL
LE
EC
CT
TR
RO
ON
NIIC
CS
S C
CO
OR
RP
P..
Ver1.0 Page: 12 of 12
SI N CE 198 1
● Notes for designing:
Current limiting resistor must be used in the circuit to drive BRIGHT LEDs within the rated
figures and not to overload BRIGHT LEDs with instantaneous voltage at the turning ON and
OFF cycles.
When using pulse driving, the average current must be within the rated figures. And the
circuit should be designed to avoid reverse voltage when turning off the BRIGHT LEDs.
● Storage:
In order to avoid the absorption of moisture, it is recommended to solder BRIGHT LEDs as
soon as possible after unpacking the sealed envelope.
If the envelope is still packed, to store it in the environment as following:
Temperature : 5℃-30℃(41℉)Humidity : RH 60﹪Max.
After this bag is opened, devices that will be applied to infrared reflow, vapor-phase reflow,
or equivalent soldering process must be:
Completed within 168 hours.
Stored at less than 30% RH.
Devices require baking before mounting, if:
(2) a or (2) b is not met.
If baking is required, devices must be baked under below conditions:
48 hours at 60℃±3℃.
● Package and Label of Products:
Package: Products are packed in one bag of 1000 pcs (one taping reel) and a label is
attached to each bag.
Label:
BRIGHT LED LOGO
Part No.
Quantity
BIN.
x
xx
xx
xx
Year Month Day
Manufacture Location
X X X X X
Sealing Date



Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com