| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
24C00I/P bảng dữ liệu(PDF) 22 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
24C00I/P bảng dữ liệu(HTML) 22 Page - Microchip Technology |
|
22 / 34 page ![]() 24AA00/24LC00/24C00 DS20001178J-page 22 1996-2018 Microchip Technology Inc. B A 0.15 C 0.15 C 0.10 C A B 0.05 C (DATUM B) (DATUM A) C SEATING PLANE NOTE 1 12 N 2X TOP VIEW SIDE VIEW BOTTOM VIEW NOTE 1 12 N 0.10 C A B 0.10 C A B 0.10 C 0.08 C Microchip Technology Drawing No. C04-129-MN Rev E Sheet 1 of 2 2X 8X For the most current package drawings, please see the Microchip Packaging Specification located at http://www.microchip.com/packaging Note: 8-Lead Plastic Dual Flat, No Lead Package (MN) – 2x3x0.8 mm Body [TDFN] D E D2 E2 A (A3) A1 e 8X b L K With 1.4x1.3 mm Exposed Pad (JEDEC Package type WDFN) |