| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
24LC00I/MC bảng dữ liệu(PDF) 27 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
24LC00I/MC bảng dữ liệu(HTML) 27 Page - Microchip Technology |
|
27 / 34 page ![]() 1996-2018 Microchip Technology Inc. DS20001178J-page 27 24AA00/24LC00/24C00 RECOMMENDED LAND PATTERN 5-Lead Plastic Small Outline Transistor (OT) [SOT23] For the most current package drawings, please see the Microchip Packaging Specification located at http://www.microchip.com/packaging Note: BSC: Basic Dimension. Theoretically exact value shown without tolerances. Notes: 1. Dimensioning and tolerancing per ASME Y14.5M Microchip Technology Drawing No. C04-2091A [OT] Dimension Limits Contact Pad Length (X5) Overall Width Distance Between Pads Contact Pad Width (X5) Contact Pitch Contact Pad Spacing 3.90 1.10 G Z Y 1.70 0.60 MAX MIN C X E Units NOM 0.95 BSC 2.80 MILLIMETERS Distance Between Pads GX 0.35 1 5 X Y Z C E GX G 2 SILK SCREEN |