| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MCP1502T20/Y bảng dữ liệu(PDF) 18 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP1502T20/Y bảng dữ liệu(HTML) 18 Page - Microchip Technology |
|
18 / 28 page ![]() MCP1502 DS20006593A-page 18 2021 Microchip Technology Inc. and its subsidiaries 5.2.2 A/D CONVERTER REFERENCE The MCP1502 product family was carefully designed to provide a precision, low noise voltage reference for the Microchip families of ADCs. The circuit shown in Figure 5-4 shows a MCP1502-25 configured to provide the reference to the MCP3201, a 12-bit ADC. FIGURE 5-4: ADC Example Circuit. The circuit shown in Figure 5-5 shows a MCP1502-40 configured to provide the reference to a SAR ADC. Refer to the “MCP331X1 16/15/12-Bit Msps SAR ADC Evaluation Kit User’s Guide”. FIGURE 5-5: SAR ADC Example Circuit. |